Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1400GC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1400GC
Description  7V Input, 0.6A, 1.5MHz Negative Power Convertor Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1400GC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1400GC Datasheet HTML 1Page - Monolithic Power Systems MP1400GC Datasheet HTML 2Page - Monolithic Power Systems MP1400GC Datasheet HTML 3Page - Monolithic Power Systems MP1400GC Datasheet HTML 4Page - Monolithic Power Systems MP1400GC Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV1400-C-01A
7V Input, 0.6A, 1.5MHz
Negative Power Convertor
Evaluation Board
EV1400-C-01A Rev.1.0
www.MonolithicPower.com
1
9/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The
EV1400-C-01A
demonstrates
MPS’s
MP1400, a monolithic negative DCDC power
converter with built-in internal power MOSFET.
It offers a very compact solution to achieve up
to 600mA continuous output current depending
on input-voltage to output-voltage ratio. The
output voltage can be regulated from -0.9V to
-6V.
The 1500 kHz switching frequency allows for
smaller
external
components
producing
a
compact solution for a wide range of load
currents.
Fault condition protection includes cycle-by-
cycle current limiting and thermal shutdown.
The MP1400 is available in a 0.8mm x 1.6mm
8-ball CSP package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7
– 7
V
Output Voltage
VOUT
-5
V
Output Current
IOUT
0.6
A
FEATURES
 Wide 2.7V to 7V Operating Input Range
 Output Adjustable from -0.9V to -6V
 Up to 600mA Output Current
 300mΩ High Side MOSFET On Resistance
 Default 1.5MHz Switching Frequency
 Ground Reference Enable
 Cycle-by-Cycle Over Current Protection
 Short Circuit Protect with Hiccup Mode
 Output Voltage Discharge
 Output Over Voltage Protection
 Available in a 0.8mm x 1.6mm 8-ball CSP
Package
APPLICATIONS
 General Negative Voltage
 HDD
 Small OLED Panel
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV1400-J-01A EVALUATION BOARD
Board Number
MPS IC Number
EV1400-C-01A
MP1400GC


Similar Part No. - MP1400GC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1400GC MPS-MP1400GC Datasheet
527Kb / 15P
7V Input, 0.6A Peak, 1.5MHz Negative DCDC Power Converter In 8-ball CSP Package
MP1400GC-P MPS-MP1400GC-P Datasheet
527Kb / 15P
7V Input, 0.6A Peak, 1.5MHz Negative DCDC Power Converter In 8-ball CSP Package
More results

Similar Description - MP1400GC

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
800mA 1.5MHz 7V Synchronous Buck Converter
BL8026 BELLING-BL8026 Datasheet
793Kb / 6P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
Monolithic Power System...
MP1400 MPS-MP1400 Datasheet
527Kb / 15P
7V Input, 0.6A Peak, 1.5MHz Negative DCDC Power Converter In 8-ball CSP Package
EV2454-H-00A MPS-EV2454-H-00A Datasheet
673Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV2454-Q-00A MPS-EV2454-Q-00A Datasheet
333Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EVM3805-QB-01A MPS-EVM3805-QB-01A Datasheet
394Kb / 5P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
EVQ2451-G-00A MPS-EVQ2451-G-00A Datasheet
412Kb / 5P
0.6A, 2MHz, 36V Step-Down Converter Evaluation Board
logo
Mitsumi Electronics, Co...
MM3472 MITSUMI-MM3472 Datasheet
817Kb / 10P
0.6A step-down DC-DC convertor IC
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com