Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3350 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3350 Datasheet HTML 2Page - Linear Technology LTC3350 Datasheet HTML 3Page - Linear Technology LTC3350 Datasheet HTML 4Page - Linear Technology LTC3350 Datasheet HTML 5Page - Linear Technology LTC3350 Datasheet HTML 6Page - Linear Technology LTC3350 Datasheet HTML 7Page - Linear Technology LTC3350 Datasheet HTML 8Page - Linear Technology LTC3350 Datasheet HTML 9Page - Linear Technology LTC3350 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
LTC3350
6
3350fc
For more information www.linear.com/LTC3350
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VOUT = 12V, VDRVCC = VINTVCC unless otherwise
noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog-to-Digital Converter
VRES
Measurement Resolution
16
Bits
VGPI
General Purpose Input Voltage Range
Unbuffered
Buffered
0
0
5
3.5
V
V
IGPI
General Purpose Input Pin Leakage Current
Buffered Input
1
μA
RGPI
GPI Pin Resistance
Buffer Disabled
2.5
Measurement System Error
VERR
Measurement Error (Note 5)
VIN = 0V
VIN = 30V
100
1.5
mV
%
VOUTSP = 5V
VOUTSP = 30V
100
1.5
mV
%
VCAP = 0V
VCAP = 10V
100
1.5
mV
%
VGPI = 0V, Unbuffered
VGPI = 3.5V, Unbuffered
2
1
mV
%
VCAP1 = 0V
VCAP1 = 2V
2
1
mV
%
VCAP2 = 0V
VCAP2 = 2V
2
1
mV
%
VCAP3 = 0V
VCAP3 = 2V
2
1
mV
%
VCAP4 = 0V
VCAP4 = 2V
2
1
mV
%
VSNSI = 0mV
VSNSI = 32mV
200
2
µV
%
VSNSC = 0mV
VSNSC = 32mV
200
2
µV
%
CAP1 to CAP4
RSHNT
Shunt Resistance
0.5
Ω
DVCAPMAX
Maximum Capacitor Voltage with Shunts Enabled
2 or More Capacitors in Stack
3.6
V
Programming Pins
VITST
ITST Voltage
RTST = 121Ω
1.185
1.197
1.209
V
I2C/SMBus – SDA, SCL, SMBALERT
IIL,SDA,SCL
Input Leakage Low
–1
1
µA
IIH,SDA,SCL
Input Leakage High
–1
1
µA
VIH
Input High Threshold
1.5
V
VIL
Input Low Threshold
0.8
V
fSCL
SCL Clock Frequency
400
kHz
tLOW
Low Period of SCL Clock
1.3
µs
tHIGH
High Period of SCL Clock
0.6
µs
tBUF
Bus Free Time Between Start and Stop Conditions
1.3
µs
tHD,STA
Hold Time, After (Repeated) Start Condition
0.6
µs
tSU,STA
Setup Time After a Repeated Start Condition
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com