Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3350 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3350 Datasheet HTML 4Page - Linear Technology LTC3350 Datasheet HTML 5Page - Linear Technology LTC3350 Datasheet HTML 6Page - Linear Technology LTC3350 Datasheet HTML 7Page - Linear Technology LTC3350 Datasheet HTML 8Page - Linear Technology LTC3350 Datasheet HTML 9Page - Linear Technology LTC3350 Datasheet HTML 10Page - Linear Technology LTC3350 Datasheet HTML 11Page - Linear Technology LTC3350 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
LTC3350
8
3350fc
For more information www.linear.com/LTC3350
IIN and ICHARGE vs VIN
ICHARGE vs VCAP
Charger Efficiency vs VCAP
ICHARGE vs VCAP
IIN and ICHARGE vs IOUT
VCAP vs vcapfb_dac
Typical perForMance characTerisTics
VCAP vs Temperature
Efficiency in Boost Mode
Load Regulation in Boost Mode
TA = 25°C, Application Circuit 4 unless otherwise noted.
VIN (V)
11
2.9
3.5
36
3350 G04
2.3
1.7
16
21
26
31
IIN
4.1
125°C
25°C
–40°C
IOUT = 1A
VCAP = 6V
ICHARGE
VCAP (V)
0
2.50
3.75
8
3350 G06
1.25
0
2
4
6
5.00
VIN = 12V
VIN = 24V
VIN = 35V
IIN(MAX) = 2A
IOUT = 1A
VCAP (V)
0
50
75
7.2
3350 G08
25
0
1.8
3.6
5.4
100
VIN = 12V
VIN = 24V
VIN = 35V
IIN(MAX) = 2A
IOUT = 0A
VCAP (V)
0
2.50
3.75
8
3350 G05
1.25
0
2
4
6
5.00
VIN = 12V
VIN = 24V
VIN = 35V
IIN(MAX) = 2A
IOUT = 0A
IOUT (A)
0
2.50
3.75
3.00
3350 G07
1.25
0
0.75
1.50
2.25
IIN
5.00
VIN = 12V
VIN = 24V
VIN = 35V
IIN(MAX) = 2A
ICHARGE
vcapfb_dac (CODE)
0 1 2 3 4 5 6 7 8 9 10 11 12
14
13
5.50
6.75
15
3350 G09
4.25
3.00
8.00
ICHARGE = 2A
TEMPERATURE (°C)
–40
7.200
7.205
130
3350 G10
7.195
7.190
7.185
–6
28
62
96
7.210
capfb_dac = 15
ICHARGE = 2A
IOUT (A)
25
50
75
100
10–3
10–2
10–1
100
101
3350 G11
0
VCAP = 2V
VCAP = 3V
VCAP = 4V
APPLICATION CIRCUIT 5
IOUT (A)
4.981
4.988
4.994
5.000
10–3
10–2
10–1
100
101
3350 G12
4.975
VCAP = 2V
VCAP = 3V
VCAP = 4V
APPLICATION CIRCUIT 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com