Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4418 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 2 Page - Linear Technology

  LTC4418 Datasheet HTML 1Page - Linear Technology LTC4418 Datasheet HTML 2Page - Linear Technology LTC4418 Datasheet HTML 3Page - Linear Technology LTC4418 Datasheet HTML 4Page - Linear Technology LTC4418 Datasheet HTML 5Page - Linear Technology LTC4418 Datasheet HTML 6Page - Linear Technology LTC4418 Datasheet HTML 7Page - Linear Technology LTC4418 Datasheet HTML 8Page - Linear Technology LTC4418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC4418
2
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V1, V2 ..................................................... –42V to 60V
VOUT....................................................... –0.3V to 42V
VS1, VS2................................................ –0.3V to 60V
Voltage from V1, V2 to VOUT....................... –84V to 60V
Voltage from VS1, VS2 to G1, G2...............–0.3V to 7.5V
Input Voltages
EN, SHDN .............................................. –0.3V to 60V
OV1, OV2, UV1, UV2, TMR....................... –0.3V to 6V
HYS ......................................................... –0.3V to 1V
INTVCC.................................................. –0.3V to 6.2V
Output Voltages
VALID1, VALID2...................................... –0.3V to 60V
CAS.......................................................... –0.3V to 6V
Input Currents
OV1, OV2, UV1, UV2, HYS, TMR,
INTVCC, EN, SHDN............................................ –3mA
Output Currents
VALID1, VALID2, CAS..............................–2mA/+5mA
Operating Ambient Temperature Range
LTC4418C ................................................ 0°C to 70°C
LTC4418I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
20 19 18 17 16
6
7
8
TOP VIEW
GND
21
UF PACKAGE
20-LEAD (4mm × 4mm) PLASTIC QFN
TJMAX = 150°C, θJA = 47°C/W, θJC = 4.5°C/W
EXPOSED PAD (PIN 21), PCB GND CONNECTION OPTIONAL
9 10
5
4
3
2
1
11
12
13
14
15
TMR
UV1
OV1
UV2
OV2
VOUT
VS1
G1
VS2
G2
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4418CUF#PBF
LTC4418CUF#TRPBF
4418
20-Lead (4mm × 4mm) Plastic QFN
0°C to 70°C
LTC4418IUF#PBF
LTC4418IUF#TRPBF
4418
20-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC4418#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com