Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4418 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4418 Datasheet HTML 16Page - Linear Technology LTC4418 Datasheet HTML 17Page - Linear Technology LTC4418 Datasheet HTML 18Page - Linear Technology LTC4418 Datasheet HTML 19Page - Linear Technology LTC4418 Datasheet HTML 20Page - Linear Technology LTC4418 Datasheet HTML 21Page - Linear Technology LTC4418 Datasheet HTML 22Page - Linear Technology LTC4418 Datasheet HTML 23Page - Linear Technology LTC4418 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC4418
20
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
LTC4418 to connect its highest valid priority channel to
VOUT. Confirmation that all channels are off before the
slave is allowed to connect its channel to VOUT prevents
cross conduction from occurring.
Driving the master LTC4418’s EN low forces both master
and slave to disconnect all channels from the common
output and continue monitoring the input supplies. Driv-
ing the master LTC4418’s SHDN low places it in a reset
state where all of its channels are disconnected and CAS is
pulled high with a 20µA current source, allowing the slave
LTC4418 to become the master and connect its highest
valid priority channel to the common output.
DESIGN EXAMPLE
In this example, the LTC4418 prioritizes between 5V and
12V supplies for a 1.25A system as shown in Figure 7.
Power is only sourced from the 12V supply when the 5V
supply is invalid. The 12V supply has a 20mΩ source
resistance (RSRC) and the ambient conditions of the
system are between 25°C and 85°C. The design must
accommodate ±2.5% tolerance on the 5V supply and a
±10% tolerance on the 12V supply and limit the VOUT
droop to 500mV during switchover. The load capacitor
is assumed to be an electrolytic with a minimum ESR
(ESRCOUT) of 25mΩ at 25°C.
Determining OV/UV Windows
For the 5V V1 supply, ±2.5% tolerance sets an operational
windowof4.875Vto5.125V.Inordertoaccommodatethis
voltagerangetheOV/UVthresholdsmustallowfordesired
hysteresis, external resistive divider error and comparator
threshold error. For the 5V V1 supply, an additional ±2.5%
error is included for margin which means that the OV/UV
windowmustaccommodate4.75Vto5.25Vrange.For5%
external hysteresis or 250mV, set the UV1 = 4.5V and OV1
= 5.5V. For the 12V V2 supply, taking into account supply
tolerance and a margin for error sources the operational
window is 10.2V to 13.78V. Since external hysteresis is
used, channel 2 also has 250mV of hysteresis (±2.1%).
The OV/UV thresholds are UV2 = 9.95V and OV2 = 14.03V.
These thresholds determine the maximum possible dif-
ferential voltage between supplies at switchover.
M3
M4
LTC4418
MASTER
CAS TO EN CONNECTION
VS2
G2
VOUT
CAS
EN
SHDN
DISABLE ALL CHANNELS
SHDN MASTER
2 SUPPLIES
MASTER
2 SUPPLIES
SLAVE
1ST PRIORITY
SUPPLY
2ND PRIORITY
SUPPLY
4TH PRIORITY
SUPPLY
3RD PRIORITY
SUPPLY
M1
M2
VS1
G2
M5
M6
LTC4418
SLAVE
VS5
G6
VOUT
EN
SHDN
M7
M8
VS7
G8
4418 F06
+
VOUT
COUT
Figure 6. Cascaded Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com