Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6950 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6950
Description  1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6950 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6950 Datasheet HTML 2Page - Linear Technology LTC6950 Datasheet HTML 3Page - Linear Technology LTC6950 Datasheet HTML 4Page - Linear Technology LTC6950 Datasheet HTML 5Page - Linear Technology LTC6950 Datasheet HTML 6Page - Linear Technology LTC6950 Datasheet HTML 7Page - Linear Technology LTC6950 Datasheet HTML 8Page - Linear Technology LTC6950 Datasheet HTML 9Page - Linear Technology LTC6950 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
dc1795af
DEMO MANUAL DC1795A
Dc1795a reconfiguration
table 2. VCo input options: Power settings and board Modifications
DeFAult
oPtion
boArD MoDiFiCAtions
osCillAtor PoWer settings
CoMMents
osCillAtor instAll DePoPulAte
V+ oA
turret
V+ VXCo
turret
V+ VCo
turret
en
turret
l
U4
NA
(Default)
NA
(Default)
[For Active Filters
Only] Determined by
U4 VTUNE specification.
5V for Default U4.
Must be less than 24V
Determined
by U4 VCC
specification.
5V for Default
U4. Must be
less than 24V
-
Connects to
pin 2 of U4.
Not used with
Default U4
Refer to Table 3: loop
filter component
selections for U4
U3
U3, *C38
0402 0Ω
*R43
[For Active Filters
Only] Determined by
U3 VTUNE specification.
Must be less than 24V
-
Determined
by U3 VCC
specification.
Must be less
than 24V
-
Refer to Table 4: loop
filter component
selections for U3
Single-Ended
External
*C25
0402 0Ω
*R25, R40,
R41
[For Active Filters
Only] Determined by
External Oscillator
VTUNE specification,
must be less than 24V
-
-
-
Connect signal to
J15. Refer to Table 5:
loop filter component
selections.
Differential
External
*C25, C26
0402 0Ω
C69 0402
~100pF
*R25, R40,
R41
[For Active Filters
Only] Determined by
External Oscillator
VTUNE specification,
must be less than 24V
-
-
-
Connect signals to J14
and J15. [For External
Oscillator Only] Refer
to Table 5: loop filter
component selections.
* General Recommendations: There are several termination and common mode options on the DC1795A for different input signal types. Refer to the
DC1795A schematic, the LTC6950 data sheet and the data sheet for the VCO or clock distribution component used for an optimum termination network.
table 3. loop Filter selection for u4 oscillator (refer to ClockWizard’s loop Design tab)
DeFAult
oPtion
CloCkWizArD AnD boM Cross reFerenCe
other MoDiFiCAtions
CoMMents
looP Filter
tYPe
rz
Ci
CP
r1
C2
l1
instAll DePoPulAte
l
Filter 1 (Passive)
RZ_P
CI1_P + CI2_P
CP_P
-
-
-
-
-
RZ_P, CI1_P, CI2_P, CP_P
populated with default values
Filter 2 (Passive)
RZ_P
CI1_P + CI2_P
CP_P
R12
C22
-
-
-
Filter 3 (Passive)
RZ_P
CI1_P + CI2_P
CP_P
R72
C22
R12
-
-
Filter 4 (Active)
RZ_A
CI1_A + CI2_A
CP_A
R12
C22
-
R69, R71
(0402 0Ω)
R70, R72
Select CPINV under the
ClockWizard System tab
table 4. loop Filter selection for u3 oscillator (refer to ClockWizard’s loop Design tab)
DeFAult
oPtion
CloCkWizArD AnD boM Cross reFerenCe
other MoDiFiCAtions
CoMMents
looP Filter tYPe
rz
Ci
CP
r1
C2
l1
instAll
DePoPulAte
Filter 1 (Passive)
RZ_P
CI1_P + CI2_P
CP_P
-
-
-
R18
(0402 0Ω)
R12
Filter 2 (Passive)
RZ_P
CI1_P + CI2_P
CP_P
R18
C29
-
R12
Filter 3 (Passive)
RZ_P
CI1_P + CI2_P
CP_P
R72
C29
R18
-
R12
Filter 4 (Active)
RZ_A
CI1_A + CI2_A
CP_A
R18
C29
-
R69, R71
(0402 0Ω)
R12, R70,
R72
Select CPINV under the
ClockWizard System tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com