Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6950 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6950
Description  1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6950 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6950 Datasheet HTML 4Page - Linear Technology LTC6950 Datasheet HTML 5Page - Linear Technology LTC6950 Datasheet HTML 6Page - Linear Technology LTC6950 Datasheet HTML 7Page - Linear Technology LTC6950 Datasheet HTML 8Page - Linear Technology LTC6950 Datasheet HTML 9Page - Linear Technology LTC6950 Datasheet HTML 10Page - Linear Technology LTC6950 Datasheet HTML 11Page - Linear Technology LTC6950 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
dc1795af
DEMO MANUAL DC1795A
parts list
iteM
QtY
reFerenCe
PArt DesCriPtion
MAnuFACturer/PArt nuMber
1
0
CI1_A, C22, C29, CP_A
CAP., 0603
OPT
2
1
CI1_P
CAP., X7R, 0.1µF, 25V, 10%, 0603
AVX, 06033C104KAT2A
3
0
CI2_A
CAP., 1206
OPT
4
1
CI2_P
CAP., X7R, 0.56µF, 25V, 10%, 1206
AVX, 12063C564KAT2A
5
1
CP_P
CAP., X7R, 0.056µF, 16V, 10%, 0603
AVX, 0603YC563KAT2A
6
3
C1, C3, C7
CAP., TANT, 47µF, 20V, 20%, 7343
AVX, TAJD476M020HNJ
7
2
C2, C8
CAP., X7R, 1µF, 10V, 10%, 0603
AVX, 0603ZC105KAT2A
8
20
C4, C9-C19, C42-C48, C60
CAP., X7R, 0.01µF, 6.3V, 10%, 0201
AVX, 02016C103KAT2A
9
3
C5, C24, C32
CAP., X7R, 0.1µF, 50V, 10%, 0805
AVX, 08055C104KAT2A
10
29
C6, C28, C31, C33-C36, C39-C41, C49-C58,
C61-C66, C71, C73, C74
CAP., X7R, 0.1µF, 10V, 10%, 0402
AVX, 0402ZC104KAT2A
11
3
C23, C30, C59
CAP., TANT, 47µF, 35V, 10%, 7361
AVX, TAJV476K035RNJ
12
0
C25-C27, C38, C67, C69, C70
CAP., 0402
OPT
13
2
C68, C72
CAP., NPO, 100pF, 25V, 10%, 0402
AVX, 04023A101KAT2A
14
1
D1
LED, GREEN, LED-ROHM-SML-010FT
ROHM, SML-010FTT86L
15
1
D2
LED, RED, LED-ROHM-SML-010VT
ROHM, SML-010VTT86L
16
15
E1-E11, E16, E17, E20, E21
TURRET, TESTPOINT 0.064"
MILL-MAX, 2308-2-00-80-00-00-07-0
17
2
J1, J2
CONN, BNC, 5 PINS
CONNEX, 112404
18
2
J3, J9
CONN., SMA 50Ω STRAIGHT MOUNT
CONNEX, 132134
19
13
J4, J7, J8, J10-J19
CONN., SMA 50Ω EDGE-LAUNCH
EMERSON, 142-0701-851
20
1
J5
CONN., HEADER, 14 PIN, 2mm
MOLEX, 87831-1420
21
1
RZ_P
RES., CHIP, 196Ω, 1/16W, 1%, 0603
VISHAY, CRCW0603196RFKEA
22
5
R1, R2, R4, R5, R10
RES., CHIP, 4.99k, 1/16W, 1% 0402
VISHAY, CRCW04024K99FKED
23
0
R6, R9, R17, R19, R21-R24, R26, R30-R33,
R36, R38, R42, R46, R52, R57, R60, R61
RES., 0402
OPT
24
4
R7, R16, R28, R29
RES., CHIP, 49.9, 1/16W, 1% 0402
VISHAY, CRCW040249R9FKED
25
15
R8, R43, R44, R55, R56, R62-R66, R74-R78 RES., CHIP, 0Ω, 0402
VISHAY, CRCW04020000Z0ED
26
5
R11, R12, R70, R72, R73
RES., CHIP, 0Ω, 0603
YAGEO, RC0603JR-070RL
27
5
R13-R15, R35, R58
RES., CHIP, 200K, 1/16W, 1% 0402
VISHAY, CRCW0402200KFKED 2rls
28
0
R18, R67-R69, R71, RZ_A, R53
RES., 0603
OPT
29
5
R20, R51, R54, R59, R79
RES., CHIP, 100, 1/16W, 1% 0402
NIC, NRC04F1000TRF
30
2
R25, R40
RES., CHIP, 150, 1/16W, 1% 0402
VISHAY, CRCW0402150RFKED
31
2
R37, R39
RES., CHIP, 330, 1/16W, 1% 0402
VISHAY, CRCW0402330RFKED
32
1
R41
RES., CHIP, 37.4, 1/16W, 1% 0402
VISHAY, CRCW040237R4FKED
33
1
U1
I.C. LTC6950IUHH, QFN48UHH-5X9
LINEAR TECH., LTC6950IUHH#PBF
34
1
U2
I.C. LT1678IS8, SO8
LINEAR TECH., LT1678IS8#PBF
35
0
U3
VCO, 0.5" × 0.5"
OPT
36
1
U4
VCSO, 1GHz 5V
CRYSTEK, CVCSO-914-1000.000
37
1
U5
I.C., SERIAL EEPROM, TSSOP8
MICROCHIP, 24LC025-I /ST
38
2
U6, U7
I.C., DUAL BUFFER, SC70-6
FAIRCHILD SEMI., NC7WZ17P6X
39
1
U8
I.C., DUAL TRANSCEIVER, SOT363
NXP, 74LVC1T45GW
40
1
U9
CLOCK OSCILLATOR, 100MHz, 3.3V
CRYSTEK, CCHD-575-25-100.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com