Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6001DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Buck DC-DC Converter EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV6001DN-00C
Monolithic Buck
DC-DC Converter EV Board
EV6001DN-00C Rev 1.0
www.MonolithicPower.com
1
3/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
GENERAL DESCRIPTION
The EV6001DN-00C is an evaluation board for
the MP6001, a monolithic Buck DCDC converter.
This evaluation board is capable of delivering up
to 18W output power. The MP6001 has an
internal soft-start, auto-retry, and incorporates
over current, short circuit, and over-voltage
protection. It can also skip cycles to maintain
zero load regulation. This device is available in
an 8-pin SOIC package with an exposed pad.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value Unit
Input Voltage
VIN
43–53
V
Output Voltage
VOUT
12
V
Output Current
IOUT
1.5
A
FEATURES
• Integrated 150V Power Switch
• Integrated 100V Startup Circuit
• Cycle-by-Cycle Current Limiting
• Duty Cycle Limiting with Line Feed Forward
• Input UVLO plus Over Voltage Protection
• Thermal Shutdown
APPLICATIONS
• Telecom Equipment
• VoIP Phones, Power over Ethernet (PoE)
• Distributed Power Conversions
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV6001DN-00C EVALUATION BOARD
(L×W×H) 59.8”×37.3”×6.1”
(59.8mmx37.3mmx6.1mm)
Board Number
MPS IC Number
EV6001DN-00C
MP6001DN
0.01 0.05 0.1 0.2 0.3 0.4 0.6 0.8 1 1.2 1.5
Output Current (A)
Efficicency Vs. Output Current
40
50
60
70
80
90
100
43V
48V
53V


Similar Part No. - MP6001DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6001DN MPS-MP6001DN Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001DN MPS-MP6001DN Datasheet
251Kb / 6P
WLED Driver Evaluation Board
MP6001DN MPS-MP6001DN Datasheet
522Kb / 13P
Monolithic Flyback/Forward dd-DC Converter
MP6001DN MPS-MP6001DN Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
MP6001DN MPS-MP6001DN Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results

Similar Description - MP6001DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
DC/DC Buck Converter
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
Buck DC-DC Converter IC
logo
Monolithic Power System...
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com