Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6514 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6514
Description  0.6A, 14V Half H-bridge Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6514 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6514 Datasheet HTML 1Page - Monolithic Power Systems MP6514 Datasheet HTML 2Page - Monolithic Power Systems MP6514 Datasheet HTML 3Page - Monolithic Power Systems MP6514 Datasheet HTML 4Page - Monolithic Power Systems MP6514 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV6514-G-00A 0.6A, 14V HALF H-BRIDGE MOTOR DRIVER EV BOARD
EV6514-G-00A Rev.1.0
www.MonolithicPower.com
3
7/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV6514-G-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacture
Manufacture_PN
1
C1
1µF/25V
Ceramic Capacitor;
25V;X7R;0805
0805
muRata
GRM21BR71E105KA99L
1
C2
68µF/25V Ceramic Capacitor;25V
DIP
Panasonic
EEU-FCIH680
4
GND,
OUT1,
OUT2, VCC
1.0MM
Connector;
DIP
Any
1
HIN1, HIN2,
LIN1, LIN2
4PIN
2.54MM Connector
DIP
Any
1
AOUT
2PIN
2.54MM Connector
DIP
Any
1
INPUT
4PIN
2.54MM Connector'
DIP
Any
1
U1
MP6514 MPS H-Bridge Motor Driver
QFN2*2
MPS
MP6514GGU



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com