Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6514 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6514
Description  0.6A, 14V Half H-bridge Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6514 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6514 Datasheet HTML 1Page - Monolithic Power Systems MP6514 Datasheet HTML 2Page - Monolithic Power Systems MP6514 Datasheet HTML 3Page - Monolithic Power Systems MP6514 Datasheet HTML 4Page - Monolithic Power Systems MP6514 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV6514-G-00A
0.6A, 14V
Half H-bridge Motor Driver
Evaluation Board
EV6514-G-00A Rev.1.0
www.MonolithicPower.com
1
7/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV6514-G-00A is an evaluation board for
the MP6514. The
MP6514 is an H-bridge
motor driver that consists of four N-channel
power MOSFETs. which can
drive
two
DC
motors
in a single-ended connection with
separate controls for the high-side or low-
side MOSFETs. The motor can be connected
to either the supply or GND.
It operates from a supply voltage range of 2.5V
to 14V and can deliver motor current up to 0.6A.
The input control signals for the MP6514 are
applied through the connector.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VCC
2.5-14
V
Maximum Output
Current
IOUT
0.6
A
FEATURES
• Wide 2.5V to 14V Input Voltage Range
• 0.6A peak driver current
• Half-H-bridge motor drive
• OCP, OVP, and OTP
APPLICATIONS
• Toys
• Consumer Products
• Medical Devices
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV6514-G-00A EVALUATION BOARD
(L x W x H) 6.35cm x 6.35cm x 1.8cm
Board Number
MPS IC Number
EV6514-G-00A
MP6514


Similar Part No. - MP6514

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6510 MPS-MP6510 Datasheet
511Kb / 11P
4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
MP6510DM-LF MPS-MP6510DM-LF Datasheet
511Kb / 11P
4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
MP6513 MPS-MP6513 Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
MP6513GJ MPS-MP6513GJ Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
MP6513L MPS-MP6513L Datasheet
527Kb / 11P
2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
More results

Similar Description - MP6514

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
99026 IXYS-99026 Datasheet
839Kb / 8P
HALF BRIDGE DRIVER Evaluation Board
EV6R11 IXYS-EV6R11 Datasheet
780Kb / 7P
IX6R11 HALF BRIDGE DRIVER Evaluation Board
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
1-Channel H-Bridge Driver Evaluation Board
logo
Monolithic Power System...
EV6515-F-00A MPS-EV6515-F-00A Datasheet
508Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
EV6516-F-00A MPS-EV6516-F-00A Datasheet
497Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
logo
MPS Industries, Inc.
MP6551 MPSIND-MP6551 Datasheet
1Mb / 16P
14V, 5A, H-Bridge Motor Driver
Rev. 1.0 7/7/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com