Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8335 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8335
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8335 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8335 Datasheet HTML 9Page - Linear Technology LT8335 Datasheet HTML 10Page - Linear Technology LT8335 Datasheet HTML 11Page - Linear Technology LT8335 Datasheet HTML 12Page - Linear Technology LT8335 Datasheet HTML 13Page - Linear Technology LT8335 Datasheet HTML 14Page - Linear Technology LT8335 Datasheet HTML 15Page - Linear Technology LT8335 Datasheet HTML 16Page - Linear Technology LT8335 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT8335
13
8335f
For more information www.linear.com/LT8335
APPLICATIONS INFORMATION
THERMAL CONSIDERATIONS
Care should be taken in the layout of the PCB to ensure
good heat sinking of the LT8335. The exposed pad (Pin 9)
must be soldered to a ground plane. Pin 5 should also be
connected to a ground plane. The ground plane should be
connected to large copper layers to spread heat dissipated
by the LT8335 and to further reduce the thermal resis-
tance (θJA) values listed in the Pin Configuration section.
Power dissipation within the LT8335 (PDISS_LT8335) can
be estimated by subtracting the inductor and Schottky
diode power losses from the total power losses calculated
in an efficiency measurement. The junction temperature
of LT8335 can then be estimated by,
TJ (LT8335) = TA + θJA • PDISS
ADDITIONAL TOPOLOGIES : SEPIC AND INVERTING
In addition to the Boost topology, the LT8335 can be
configured in a SEPIC or Inverting topology. SEPIC and
Inverting converters are analyzed below.
SEPIC CONVERTER APPLICATIONS
The LT8335 can be configured as a SEPIC (single-ended
primary inductance converter), as shown in Figure 5. This
topology allows for the input to be higher, equal, or lower
than the desired output voltage. The conversion ratio as
a function of duty cycle is:
VOUT + VD
VIN
=
D
1−D
in continuous conduction mode (CCM).
In a SEPIC converter, no DC path exists between the input
and output. This is an advantage over the boost converter
for applications requiring the output to be disconnected
from the input source when the circuit is in shutdown.
SEPIC Converter: Switch Duty Cycle and Frequency
For a SEPIC converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT), the input voltage (VIN) and the diode
forward voltage (VD).
Themaximumdutycycle(DMAX)occurswhentheconverter
operates at the minimum input voltage:
DMAX =
VOUT + VD
VIN(MIN)+ VOUT + VD
Conversely, the minimum duty cycle (DMIN) occurs when
the converter operates at the maximum input voltage:
DMIN =
VOUT + VD
VIN(MAX)+ VOUT + VD
Be sure to check that DMAX and DMIN obey:
DMAX < 1-Minimum Off-Time(MAX) • fOSC(MAX)
and
DMIN > Minimum On-Time(MAX) • fOSC(MAX)
where Minimum Off-Time, Minimum On-Time and fOSC
are specified in the Electrical Characteristics table.
SEPIC Converter: The Maximum Output Current
Capability and Inductor Selection
As shown in Figure 5, the SEPIC converter contains two
inductors:L1andL2.L1andL2canbeindependent,butcan
also be wound on the same core, since identical voltages
are applied to L1 and L2 throughout the switching cycle.
Figure 5. LT8335 Configured in a SEPIC Topology
L1
L2
VOUT
VIN
SW
FBX
GND
EN/UVLO
LT8335
VIN
VCC
INT
D1
CIN
COUT
CDC
8335 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com