Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3126 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3126
Description  42V, 2.5A Synchronous Step-Down Regulator with No-Loss Input PowerPath
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3126 Datasheet(HTML) 2 Page - Linear Technology

  LTC3126 Datasheet HTML 1Page - Linear Technology LTC3126 Datasheet HTML 2Page - Linear Technology LTC3126 Datasheet HTML 3Page - Linear Technology LTC3126 Datasheet HTML 4Page - Linear Technology LTC3126 Datasheet HTML 5Page - Linear Technology LTC3126 Datasheet HTML 6Page - Linear Technology LTC3126 Datasheet HTML 7Page - Linear Technology LTC3126 Datasheet HTML 8Page - Linear Technology LTC3126 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC3126
2
3126f
For more information www.linear.com/LTC3126
absoluTe MaxiMuM raTings
PVIN1, PVIN2, VIN1, VIN2.............................................42V
EXTVCC.....................................................................42V
VCC, PVCC....................................................................6V
VREF, VSET1, VSET2, FB, RT ..........................................6V
PWM/SYNC, DIODE, ENA ...........................................6V
VALID1, VALID2, PGOOD, PRIORITY............................6V
BST1 Pin Above COM1 ...............................................6V
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3126EUFD#PBF
LTC3126EUFD#TRPBF
3126
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3126IUFD#PBF
LTC3126IUFD#TRPBF
3126
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3126EFE#PBF
LTC3126EFE#TRPBF
LTC3126FE
28-Lead Plastic TSSOP (4.4mm)
–40°C to 125°C
LTC3126IFE#PBF
LTC3126IFE#TRPBF
LTC3126FE
28-Lead Plastic TSSOP (4.4mm)
–40°C to 125°C
LTC3126HFE#PBF
LTC3126HFE#TRPBF
LTC3126FE
28-Lead Plastic TSSOP (4.4mm)
–40°C to 150°C
LTC3126MPFE#PBF
LTC3126MPFE#TRPBF
LTC3126FE
28-Lead Plastic TSSOP (4.4mm)
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
BST2 Pin Above COM2 ...............................................6V
Operating Junction Temperature Range
(Notes 2, 4)............................................ –40°C to 150°C
Storage Temperature.............................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSSOP ..............................................................300°C
9 10
TOP VIEW
29
PGND
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
VALID2
VCC
PVCC
EXTVCC
VSET1
VSET2
VREF
GND
BST1
COM1
SW
PGND
PGND
SW
COM2
BST2
7
17
18
19
20
21
22
16
8
15
TJMAX = 150°C, θJA = 34°C/W
EXPOSED PAD (PIN 29) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VIN2
PWM/SYNC
VALID1
VALID2
VCC
PVCC
EXTVCC
VSET1
VSET2
VREF
GND
FB
RT
PGOOD
VIN1
PVIN1
DIODE
BST1
COM1
SW
PGND
PGND
SW
COM2
BST2
ENA
PVIN2
PRIORITY
29
PGND
TJMAX = 150°C, θJA = 30°C/W
EXPOSED PAD (PIN 29) IS PGND, MUST BE SOLDERED TO PCB
pin conFiguraTion
http://www.linear.com/product/LTC3126#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com