Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3126 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3126
Description  42V, 2.5A Synchronous Step-Down Regulator with No-Loss Input PowerPath
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3126 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3126 Datasheet HTML 17Page - Linear Technology LTC3126 Datasheet HTML 18Page - Linear Technology LTC3126 Datasheet HTML 19Page - Linear Technology LTC3126 Datasheet HTML 20Page - Linear Technology LTC3126 Datasheet HTML 21Page - Linear Technology LTC3126 Datasheet HTML 22Page - Linear Technology LTC3126 Datasheet HTML 23Page - Linear Technology LTC3126 Datasheet HTML 24Page - Linear Technology LTC3126 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC3126
21
3126f
For more information www.linear.com/LTC3126
applicaTions inForMaTion
VCC Regulators and Bootstrapping with EXTVCC
The VCC rail powers the internal control circuitry and
power device gate drivers of the LTC3126. Two internal
lowdropoutlinearregulatorsprovidetheabilitytogenerate
this rail from either VIN1 or VIN2. When the IC is disabled
(ENA low) the VCC rail is powered by the higher voltage
input, VIN1 or VIN2, regardless of the state of the VSET1,
VSET2 and DIODE pins. When the IC is enabled, the input
voltage comparators on the VSET1 and VSET2 pins become
active and the VCC rail will be powered by the active chan-
nel. In ideal diode mode (DIODE high) the active channel
is the valid input with the higher voltage. In priority mode
(DIODE low) the active channel is VIN1 if VIN1 is valid or
VIN2 otherwise (assuming it is valid). If both VIN1 and VIN2
are in UVLO then the higher voltage input will be utilized
to power the VCC rail.
A third linear regulator allows the VCC rail to be powered
via the EXTVCC pin which can be connected to the buck
converter output or an auxiliary rail with a voltage above
3.15V. When operating at high input voltages, the losses
in the VCC regulator powered from the input voltage can
become a significant factor in conversion efficiency and
canevenbecomeasubstantialsourceofpowerdissipation.
A significant performance improvement can be obtained
by connecting the EXTVCC input to the buck converter
output so that the gate drive current is provided through
the high efficiency buck converter rather than the less
efficient linear regulator. This is of particular benefit at
higher input voltages, lower output voltages and higher
switching frequencies. The EXTVCC pin is only utilized to
power the VCC rail when the buck converter is operating.
Thermal Considerations
The LTC3126 is designed to operate continuously up to
its full rated 2.5A output current. However, when operat-
ing at high current levels there will be significant heat
generated within the IC. In addition, in many applications
the VCC regulator is operated with large input-to-output
voltage differential resulting in significant levels of power
dissipation in its pass element which can add significantly
to the total power dissipated within the IC. To ensure full
output current capability and optimal efficiency, careful
consideration must be given to the thermal environment
of the IC. This is even more important in applications that
function over an extended ambient temperature range.
Specifically, the exposed die attach pad of both the QFN
and TSSOP packages must be soldered to the PC board
and the PC board should be designed to maximize the
conduction of heat out of the IC package. This can be
accomplished by utilizing multiple vias from the die attach
pad connection to other PCB layers containing a large area
of exposed copper.
If the die temperature exceeds approximately 170°C, the
IC will enter overtemperature shutdown and all switching
will be inhibited. The part will remain disabled until the
die cools by approximately 10°C. The soft-start circuit is
re-initialized in overtemperature shutdown to provide a
smooth recovery when the fault condition is removed.
PCB Layout Guidelines
The LTC3126 buck converter switches large currents at
high frequencies. Special attention must be paid to the PC
board layout to ensure a stable, noise-free and efficient
application circuit. Figures 6 and 7 show representative
PC board layouts for each package option to outline some
of the primary considerations. A few key guidelines are
listed below.
1. Theparasiticinductanceandresistanceofallcirculating
high current paths should be minimized. This can be
accomplished by keeping the routes to the inductor,
output capacitor and PVIN1/2 bypass capacitors as
short and as wide as possible. Capacitor ground con-
nections should via down to the ground plane by way
of the shortest route possible. The bypass capacitors
on PVIN1, PVIN2 and VCC should be placed as close to
theICaspossibleandshouldhavetheshortestpossible
return paths to ground.
2. The exposed pad in both packages provides one of the
primary paths for heat generated within the package.
The IC must be soldered down to the backpad and the
backpad area should be filled with vias connecting it
to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com