Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6636BC Datasheet(PDF) 1 Page - Analog Devices

Part # AD6636BC
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BC Datasheet(HTML) 1 Page - Analog Devices

  AD6636BC Datasheet HTML 1Page - Analog Devices AD6636BC Datasheet HTML 2Page - Analog Devices AD6636BC Datasheet HTML 3Page - Analog Devices AD6636BC Datasheet HTML 4Page - Analog Devices AD6636BC Datasheet HTML 5Page - Analog Devices AD6636BC Datasheet HTML 6Page - Analog Devices AD6636BC Datasheet HTML 7Page - Analog Devices AD6636BC Datasheet HTML 8Page - Analog Devices AD6636BC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
150 MSPS Wideband
Digital Down-Converter (DDC)
AD6636
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
4/6 independent wideband processing channels
Processes 6 wideband carriers (UMTS, CDMA2000)
4 single-ended or 2 LVDS parallel input ports
(16 linear bit plus 3-bit exponent) running at 150 MHz
Supports 300 MSPS input using external interface logic
3 16-bit parallel output ports operating up to 200 MHz
Real or complex input ports
Quadrature correction and dc correction for complex inputs
Supports output rate up to 34 MSPS per channel
RMS/peak power monitoring of input ports
Programmable attenuator control for external gain ranging
3 programmable coefficient FIR filters per channel
2 decimating half-band filters per channel
6 programmable digital AGC loops with 96 dB range
Synchronous serial I/O operation (SPI®-, SPORT-compatible)
Supports 8-bit or 16-bit microport modes
3.3 V I/O, 1.8 V CMOS core
User-configurable built-in self-test (BIST) capability
JTAG boundary scan
APPLICATIONS
Multicarrier, multimode digital receivers
GSM, EDGE, PHS, UMTS, WCDMA, CDMA2000, TD-SCDMA
Micro and pico cell systems, software radios
Broadband data applications
Instrumentation and test equipment
Wireless local loop
In-building wireless telephony
FUNCTIONAL BLOCK DIAGRAM
CMOS
REAL
PORTS
A, B,
C,D
CMOS
COMPLEX
PORTS
(AI, AQ)
(BI, BQ)
LVDS
PORTS
AB, CD
PEAK/
RMS
MEAS.
I,Q
CORR.
SYNC [3:0]
______
RESET
AGC
16-BIT
MICROPORT INTERFACE
SPORT/SPI INTERFACE
JTAG
PLL CLOCK
MULTIPLIER
FIR2
HB2
M = Byp, 2
CIC5
M = 1-32
NCO
FIR1
HB1
M = Byp, 2
CRCF
M = 1-16
MRCF
DRCF
M = 1-16
LHB
L = Byp, 2
FIR2
HB2
M = Byp, 2
CIC5
M = 1-32
NCO
FIR1
HB1
M = Byp, 2
CRCF
M = 1-16
MRCF
DRCF
M = 1-16
LHB
L = Byp, 2
FIR2
HB2
M = Byp, 2
CIC5
M = 1-32
NCO
FIR1
HB1
M = Byp, 2
CRCF
M = 1-16
MRCF
DRCF
M = 1-16
LHB
L = Byp, 2
FIR2
HB2
M = Byp, 2
CIC5
M = 1-32
NCO
FIR1
HB1
M = Byp, 2
CRCF
M = 1-16
MRCF
DRCF
M = 1-16
LHB
L = Byp, 2
FIR2
HB2
M = Byp, 2
CIC5
M = 1-32
NCO
FIR1
HB1
M = Byp, 2
CRCF
M = 1-16
MRCF
DRCF
M = 1-16
LHB
L = Byp, 2
FIR2
HB2
M = Byp, 2
CIC5
M = 1-32
NCO
FIR1
HB1
M = Byp, 2
CRCF
M = 1-16
MRCF
DRCF
M = 1-16
LHB
L = Byp, 2
PA
PB
PC
ADC B/AQ
CLKB
EXPB [2:0]
ADC A/AI
CLKA
EXPA [2:0]
ADC D/CQ
CLKD
EXPD [2:0]
ADC C/CI
CLKC
EXPC [2:0]
M = DECIMATION
L = INTERPOLATION
ARE AVAILABLE ONLY IN 6-CHANNEL PART
NOTE: CHANNELS RENDERED AS
Figure 1.


Similar Part No. - AD6636BC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
150 MSPS, Wideband, Digital Downconverter
REV. A
More results

Similar Description - AD6636BC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
Digital Down Converter
1999 02
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
logo
Analog Devices
AD9254S AD-AD9254S Datasheet
2Mb / 26P
14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
150 MSPS, Wideband, Digital Downconverter
REV. A
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
Intersil Corporation
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
Digital Down Converter
Aug 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com