Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6636PCB Datasheet(PDF) 58 Page - Analog Devices

Part # AD6636PCB
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636PCB Datasheet(HTML) 58 Page - Analog Devices

Back Button AD6636PCB Datasheet HTML 54Page - Analog Devices AD6636PCB Datasheet HTML 55Page - Analog Devices AD6636PCB Datasheet HTML 56Page - Analog Devices AD6636PCB Datasheet HTML 57Page - Analog Devices AD6636PCB Datasheet HTML 58Page - Analog Devices AD6636PCB Datasheet HTML 59Page - Analog Devices AD6636PCB Datasheet HTML 60Page - Analog Devices AD6636PCB Datasheet HTML 61Page - Analog Devices AD6636PCB Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
AD6636
Rev. 0 | Page 58 of 72
LVDS Control Register <10:0>
<10>: CMOS Mode Bit. When this bit is set, the ADC ports
operate in CMOS mode. When this bit is cleared, the ADC ports
operate in LVDS mode. The default is Logic 1 or CMOS mode.
In LVDS mode, two CMOS ADC port pins are used to form one
differential pair of LVDS ADC ports.
<9>: Reserved. This bit should always be written Logic 1.
<8>: Autocalibrate Enable Bit. When this bit is set, the auto-
calibration cycle is invoked for the LVDS pads. At the end of
calibration, this calibration value is set for the LVDS pads.
When this bit is cleared, the output for the LVDS controller is
taken from manual calibration value (Bits <7:0> of this
register).
<7:4>: These bits are open.
<3:0>: Manual Calibration Value Bits. The value of these bits is
used for manual LVDS calibration. When the autocalibrate bit is
set, these bits are don’t care.
Interrupt Status Register <15:0>
This register is read-only.
<15>: AGC 5 RSSI Update Interrupt Bit. If the AGC 5 update
interrupt enable bit is set, this bit is set by the AD6636 whenever
AGC 5 updates a new RSSI word (the new word should be
different from the previous word). If the AGC 5 update
interrupt enable bit is cleared, then this bit is not set (not
updated). An interrupt is not generated in this case.
Note: For Bits <15:10>, no interrupt is generated, if the new
RSSI word is the same as the previous RSSI word.
<14>: AGC 4 RSSI Update Interrupt Bit. Similar to Bit <15> for
the AGC 4.
<13>: AGC 3 RSSI Update Interrupt Bit. Similar to Bit <15> for
the AGC 3.
<12>: AGC 2 RSSI Update Interrupt Bit. Similar to Bit <15> for
the AGC 2.
<11>: AGC 1 RSSI Update Interrupt Bit. Similar to Bit <15> for
the AGC 1.
<10>: AGC 0 RSSI Update Interrupt Bit. Similar to Bit <15> for
the AGC 0.
<9>: Channel 5 Data Ready Interrupt Bit. This bit is set to
Logic 1 whenever the channel BIST signature registers are
loaded with data. The conditions required for setting this bit
are: the channel BIST signature registers is programmed for
BIST signature generation and the Channel 5 data ready enable
bit in the interrupt enable register is cleared. If the Channel 5
data ready enable bit in the interrupt enable register is set, the
AD6636 does not set this bit on signature generation and an
interrupt is not generated.
<8>: Channel 4 Data Ready Interrupt Bit. Similar to Bit <9> for
Channel 4.
<7>: Channel 3 Data Ready Interrupt Bit. Similar to Bit <9> for
Channel 3.
<6>: Channel 2 Data Ready Interrupt Bit. Similar to Bit <9> for
Channel 2.
<5>: Channel 1 Data Ready Interrupt Bit. Similar to Bit <9> for
Channel 1.
<4>: Channel 0 Data Ready Interrupt Bit. Similar to Bit <9> for
Channel 0.
<3>: ADC Port D Power Monitoring Interrupt Bit. This bit is set
by the AD6636 whenever the ADC Port D power monitor
interrupt enable bit is set and the Port D power monitor timer
runs out (end of the Port D power monitor period). If the ADC
Port D power monitoring interrupt enable bit is cleared, the
AD6636 does not set this bit and does not generate an interrupt.
Note: In real input CMOS mode, all four input ports exist. In
complex input CMOS mode, only ADC Ports A and C function.
In real input LVDS mode, only ADC Ports A and C function.
<2>: ADC Port C Power Monitoring Interrupt Bit. Similar to
Bit <3> for ADC Port C.
<1>: ADC Port B Power Monitoring Interrupt Bit. Similar to
Bit <3> for ADC Port B.
<0>: ADC Port A Power Monitoring Interrupt Bit. Similar to
Bit <3> for ADC Port A.
Interrupt Enable Register <15:0>
<15>: AGC 5 RSSI Update Enable Bit. When this bit is set, the
AGC 5 RSSI update interrupt is enabled, allowing an interrupt
to be generated when the RSSI word is updated. When this bit is
cleared, an interrupt cannot be generated for this event. Also,
see the Interrupt Status Register <15:0> section.
<14>: AGC 4 RSSI Update Enable Bit. Similar to Bit <15> for
the AGC 4.
<13>: AGC 3 RSSI Update Enable Bit. Similar to Bit <15> for
the AGC 3.
<12>: AGC 2 RSSI Update Enable Bit. Similar to Bit <15> for
the AGC 2.
<11>: AGC 1 RSSI Update Enable Bit. Similar to Bit <15> for
the AGC 1.
<10>: AGC 0 RSSI Update Enable Bit. Similar to Bit <15> for
the AGC 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com