Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3255 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3255
Description  Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3255 Datasheet HTML 5Page - Linear Technology LTC3255 Datasheet HTML 6Page - Linear Technology LTC3255 Datasheet HTML 7Page - Linear Technology LTC3255 Datasheet HTML 8Page - Linear Technology LTC3255 Datasheet HTML 9Page - Linear Technology LTC3255 Datasheet HTML 10Page - Linear Technology LTC3255 Datasheet HTML 11Page - Linear Technology LTC3255 Datasheet HTML 12Page - Linear Technology LTC3255 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3255
9
3255f
For more information www.linear.com/LTC3255
APPLICATIONS INFORMATION
The LTC3255 has thermal protection that will shut
down the device if the junction temperature exceeds the
overtemperature threshold (typically 175°C). Thermal
shutdown is included to protect the IC in cases of exces-
sively high ambient temperatures, or in cases of excessive
power dissipation inside the IC. The charge transfer will
reactivate once the junction temperature drops back to
approximately 165°C.
When the thermal protection is active, the junction tem-
perature is beyond the specified operating range. Thermal
protection is intended for momentary overload conditions
outsidenormaloperation.Continuousoperationabovethe
specified maximum operating junction temperature may
impair device reliability.
Programming the Output Voltage (FB Pin)
The LTC3255 output voltage is set by connecting its FB
pin to a resistor divider between VOUT and GND as shown
in Figure 1.
The desired adjustable output voltage is programmed by
solving the following equation for RA and RB:
RA
RB
=
VOUT
1.2V
–1
Select a value for RB in the range of 20k to 2M and solve
for RA. Note that the resistor divider current adds to the
total no-load operating current. Thus a larger value for RB
will result in lower operating current.
2:1 Step-Down Charge Pump Operation
In 2:1 step-down mode, charge transfer from VIN to VOUT
happens in two phases. On the first phase, the flying ca-
pacitor (CFLY) is connected between VIN and VOUT. On this
phase CFLY is charged up and current is delivered to VOUT.
On the second phase, CFLY is connected between VOUT and
GND. The charge stored on CFLY during the first phase is
transferred to VOUT on the second phase. When in 2:1
step-down mode, the input current will be approximately
half of the total output current. The efficiency (
η) and chip
power dissipation (PD) in 2:1 mode are approximately:
η=
POUT
PIN
=
VOUT •IOUT
VIN •
1
2
IOUT
=
2VOUT
VIN
PD =
VIN
2
– VOUT


IOUT
1:1 Step-Down Charge Pump Operation
1:1 step-down mode is similar to how a linear regulator
works.ChargeisdelivereddirectlyfromVINtoVOUTthrough
most of the internal oscillator period. The charge transfer
is briefly interrupted at the end of the period. When in 1:1
step-down mode the input current will be approximately
equal to the total output current. Thus efficiency (
η) and
chippowerdissipation(PD)in1:1modeareapproximately:
η=
POUT
PIN
=
VOUT •IOUT
VIN •IOUT
=
VOUT
VIN
PD = VIN – VOUT
(
)IOUT
VOUT
FB
RA
COUT
3255 F01
VOUT =
RB
GND
LTC3255
1.2V 1 +
( )RA
RB
Figure 1. Setting the Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com