Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3255 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3255
Description  Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3255 Datasheet HTML 8Page - Linear Technology LTC3255 Datasheet HTML 9Page - Linear Technology LTC3255 Datasheet HTML 10Page - Linear Technology LTC3255 Datasheet HTML 11Page - Linear Technology LTC3255 Datasheet HTML 12Page - Linear Technology LTC3255 Datasheet HTML 13Page - Linear Technology LTC3255 Datasheet HTML 14Page - Linear Technology LTC3255 Datasheet HTML 15Page - Linear Technology LTC3255 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3255
16
3255f
For more information www.linear.com/LTC3255
LINEAR TECHNOLOGY CORPORATION 2013
LT 0813 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Wide Input Range 12V Supply
VIN
EN
1.1M
121k
10µF
3255 TA04
0.1µF
INPUT
13V TO 48V
1µF
1µF
OUTPUT
12V
50mA
LTC3255
GND
C+
C–
BIAS
SHUNT
FB
PGOOD
PGOOD
VOUT
220k
PART NUMBER
DESCRIPTION
COMMENTS
LTC1751-3.3/LTC1751-5
100mA, 800kHz Regulated Doubler
VIN: 2V to 5V, VOUT(MAX) = 3.3V/5V, IQ = 20μA, ISD < 2μA,
MS8 Package
LTC1983-3/LTC1983-5
100mA, 900kHz Regulated Inverter
VIN: 3.3V to 5.5V, VOUT(MAX) = –3V/–5V, IQ = 25μA, ISD < 2μA,
ThinSOT™ Package
LTC3200-5
100mA, 2MHz Low Noise, Doubler/White LED Driver
VIN: 2.7V to 4.5V, VOUT(MAX) = 5V, IQ = 3.5mA, ISD < 1μA,
ThinSOT Package
LTC3202
125mA, 1.5MHz Low Noise, Fractional White LED Driver VIN: 2.7V to 4.5V, VOUT(MAX) = 5.5V, IQ = 2.5mA, ISD < 1μA,
DFN, MS Packages
LTC3204-3.3/LTC3204B-3.3
LTC3204-5/LTC3204B-5
Low Noise, Regulated Charge Pumps in (2mm
× 2mm)
DFN Package
VIN: 1.8V to 4.5V (LTC3204B-3.3), 2.7V to 5.5V (LTC3204B-5),
IQ = 48μA, LTC3204B Version without Burst Mode Operation,
6-Lead (2mm
× 2mm) DFN Package
LTC3440
600mA (IOUT) 2MHz Synchronous Buck-Boost DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V, IQ = 25μA,
ISD ≤ 1μA, 10-Lead MS Package
LTC3441
High Current Micropower 1MHz Synchronous
Buck-Boost DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V, IQ = 25μA,
ISD ≤ 1μA, DFN Package
LTC3443
High Current Micropower 600kHz Synchronous
Buck-Boost DC/DC Converter
96% Efficiency, VIN: 2.4V to 5.5V, VOUT(MIN) = 2.4V, IQ = 28μA,
ISD < 1μA, DFN Package
LTC3240-3.3/
LTC3240-2.5
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC
Converter
VIN: 1.8V to 5.5V, VOUT(MAX) = 3.3V/2.5V, IQ = 65μA, ISD < 1μA,
(2mm
× 2mm) DFN Package
LTC3245
Wide VIN Range Low Noise 250mA Buck-Boost
Charge Pump
VIN: 2.7V to 38V, VOUT(MAX) = 5V, IQ = 20µA, ISD = 4µA,
12-Lead MS and (3mm
× 4mm) DFN Packages
LTC3260
Low Noise Dual Supply Inverting Charge Pump
Inverting Charge Pump With Integrated Dual Polarity 50mA LDO
Post-Regulated Outputs. VIN: 4.5V to 32V, Charge Pump VOUT:
–0.94 • VIN, 100mA
LTC3261
High Voltage, Low Quiescent Current Inverting
Charge Pump
VIN: 4.5V to 32V, VOUT = –VIN, IOUT = 100mA, MSOP-12 Package
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com