Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7124 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7124
Description  17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7124 Datasheet(HTML) 2 Page - Linear Technology

  LTC7124 Datasheet HTML 1Page - Linear Technology LTC7124 Datasheet HTML 2Page - Linear Technology LTC7124 Datasheet HTML 3Page - Linear Technology LTC7124 Datasheet HTML 4Page - Linear Technology LTC7124 Datasheet HTML 5Page - Linear Technology LTC7124 Datasheet HTML 6Page - Linear Technology LTC7124 Datasheet HTML 7Page - Linear Technology LTC7124 Datasheet HTML 8Page - Linear Technology LTC7124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC7124
2
7124fa
For more information www.linear.com/LTC7124
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2 (Note 2) ..................................... –0.3V to 17V
RUN1, RUN2 .............................................. –0.3V to 17V
MODE/SYNC ................................–0.3V to INTVCC+0.3V
ILIM, RT........................................–0.3V to INTVCC+0.3V
ITH1, ITH2....................................–0.3V to INTVCC+0.3V
PGOOD1, PGOOD2....................................... –0.3V to 6V
FB1, FB2....................................................... –0.3V to 6V
Operating Junction Temperature Range
(Note 3).............................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
9 10
TOP VIEW
UDD PACKAGE
VARIATION: AA
24-LEAD (3mm × 5mm) PLASTIC QFN
11 12
24 23 22 21
6
5
4
3
2
1
7
15
16
17
18
19
20
14
8
13
GND
GND
VIN1
ILIM
RT
VIN2
GND
GND
SW1
SW1
BOOST1
MODE/SYNC
INTVCC
BOOST2
SW2
SW2
TJMAX = 150°C, θJA = 22°C/W
EXPOSED PAD (PINS 25 & 26) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage
3.1
17
V
VOUT
Output Voltage
(Note 6)
0.6
0.99 • VIN
V
IQ
Input Quiescent Current
Active Mode, Single Channel (Note 4)
Active Mode, Dual Channels (Note 4)
Burst Mode, IOUT1 = IOUT2 = 0A
Burst Mode, Single Channel, IOUT = 0A
Shutdown Mode; VRUN1 = VRUN2 = 0V
1.5
2
8
5.5
0.1
2.75
3
16
11
1
mA
mA
µA
µA
µA
VFB
Regulated Feedback Voltage
(Note 5)
l
0.596
0.594
0.6
0.6
0.604
0.606
V
V
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7124EUDD#PBF
LTC7124EUDD#TRPBF
LGVF
24-Lead (3mm × 5mm) Plastic QFN
–40°C to 125°C
LTC7124IUDD#PBF
LTC7124IUDD#TRPBF
LGVF
24-Lead (3mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = 12V, unless otherwise noted. (Note 3)
http://www.linear.com/product/LTC7124#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com