Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7124 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC7124
Description  17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7124 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC7124 Datasheet HTML 14Page - Linear Technology LTC7124 Datasheet HTML 15Page - Linear Technology LTC7124 Datasheet HTML 16Page - Linear Technology LTC7124 Datasheet HTML 17Page - Linear Technology LTC7124 Datasheet HTML 18Page - Linear Technology LTC7124 Datasheet HTML 19Page - Linear Technology LTC7124 Datasheet HTML 20Page - Linear Technology LTC7124 Datasheet HTML 21Page - Linear Technology LTC7124 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LTC7124
20
7124fa
For more information www.linear.com/LTC7124
PACKAGE DESCRIPTION
3.00 ±0.10
0.50 BSC
1.50 REF
5.00 ±0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 5)
0.40 ±0.10
PIN 1 ID
0.50 ±0.10
1
8
13
20
21
24
9
12
BOTTOM VIEW—EXPOSED PAD
3.50 REF
0.80
0.40
0.75 ±0.05
R = 0.110
TYP
0.25 ±0.05
0.50 BSC
0.31
0.23
0.200 REF
0.00 – 0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 ±0.05
0.25 ±0.05
3.50 REF
4.10 ±0.05
5.50 ±0.05
1.50 REF
2.10 ±0.05
3.50 ±0.05
PACKAGE OUTLINE
0.50 BSC
UDD Package
24-Lead Plastic QFN (3mm × 5mm)
(Reference LTC DWG # 05-08-1537 Rev Ø)
Exposed Pad Variation AA
(UDC24) QFN 0316 REV Ø
0.40
0.31
0.23
0.40
0.80
Please refer to http://www.linear.com/product/LTC7124#packaging for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com