Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2540Q Datasheet(PDF) 11 Page - ams AG

Part # AS2540Q
Description  Remote Controlled Single-Chip-Telephone
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540Q Datasheet(HTML) 11 Page - ams AG

Back Button AS2540Q Datasheet HTML 7Page - ams AG AS2540Q Datasheet HTML 8Page - ams AG AS2540Q Datasheet HTML 9Page - ams AG AS2540Q Datasheet HTML 10Page - ams AG AS2540Q Datasheet HTML 11Page - ams AG AS2540Q Datasheet HTML 12Page - ams AG AS2540Q Datasheet HTML 13Page - ams AG AS2540Q Datasheet HTML 14Page - ams AG AS2540Q Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 11 of 18
Electrical characteristics
Electrical characteristics are measured with the Test Circuit application. Typical mean values will not be tested.
Absolute maximum ratings
Positive Supply Voltage
-0.3V <= VDD <= 7V
Input Current
+/- 25mA
Input Voltage (LS)
-0.3V <= Vin <= 10V
Input Voltage (LI, CS)
-0.3V <= Vin <= 8V
Input Voltage (STB, RI)
-2V <= Vin <= VDD+0.3V
Digital Input Voltage
-0.3V <= Vin <= VDD+0.3V
Electrostatic Discharge (HBM 1.5k
Ω-100pF)
+/- 800V
Storage Temperature
-65°C to +125°C
Recommended operating conditions
Supply Voltage (generated internally)
3.6V <= VDD <= 5V
Oscillator Frequency
Resonator Murata CSA 3.58MG312AM
3.58MHz
Operating Temperature
-15°C to +60°C
DC characteristics
ILine=15mA w/o operation of SI through optocouplers, unless other specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test
IDD
Operating Current
Speech Mode
Speech Mode with SI
MF Dialling
LD Dialling, VDD=2.5V
Ring Mode, VDD=2.5V
3
5
4
200
300
5mA
mA
mA
µA
µA
Y
N
N
N
N
VLI
Line Voltage
15mA<=ILINE<=100mA
4.2
4.5
4.8
V
Y
IOL
Output Current, Sink CS,
DPn, MO
TXD
VOL=0.4V
VOL=10mA
1
10
mA
mA
N
N
IOH
Output Current, Source MO
VOH=VDD-0.4V
-1
mA
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com