Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2540Q Datasheet(PDF) 17 Page - ams AG

Part # AS2540Q
Description  Remote Controlled Single-Chip-Telephone
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540Q Datasheet(HTML) 17 Page - ams AG

Back Button AS2540Q Datasheet HTML 10Page - ams AG AS2540Q Datasheet HTML 11Page - ams AG AS2540Q Datasheet HTML 12Page - ams AG AS2540Q Datasheet HTML 13Page - ams AG AS2540Q Datasheet HTML 14Page - ams AG AS2540Q Datasheet HTML 15Page - ams AG AS2540Q Datasheet HTML 16Page - ams AG AS2540Q Datasheet HTML 17Page - ams AG AS2540Q Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 17 of 18
Packaging
The device is available in the packages outlined below (not
to scale). For exact mechanical package dimensions
please see austriamicrosystemsAG packaging information.
28-pin plastic SOIC (suffix T)
Max. Body Length
18.1mm / 713mil
Max. Body Width
7.6mm / 300mil
Pitch
1.27mm / 50mil
Pin-out
1– TIT
MO– 28
2– STB
TxD – 27
3 – CS
RxD – 26
4 – VSS
OSC – 25
5– LI
C3 – 24
6 – RI
C2 – 23
7– LS
C1 – 22
8 – CI
R2 – 21
9– ROH
R1– 20
10 – ROT
MODE – 19
11 – VDD
MHS – 18
12 – AGD
EHS – 17
13 – M1
DPn – 16
14 – M2
RFD – 15
Marking
YYWWAAA
AS2540
Austria
YY
year of production
WW
calendar week of production
AAA
amsAG assembly ID
Ordering Information
Number
Package
Description
AS2540T
SOIC28
plastic small outline package -
28 leads (suffix T)
AS2540Q
Dice-on-Foil
dice
Devices sold by austriamicrosystems AG are covered by
the warranty and patent identification provisions appearing
in its Term of Sale. austriamicrosystems AG makes no
warranty, express, statutory, implied, or by description
regarding the information set forth herein or regarding the
freedom of the described devices from patent infringement.
austriamicrosystems AG reserves the right to change
specifications and prices at any time and without notice.
Therefore, prior to designing this product into a system, it
is necessary to check with austriamicrosystems AG for
current information. This product is intended for use in
normal commercial applications. Applications requiring
extended temperature range, unusual environmental
requirements, or high reliability applications, such as
military, medical life-support or life-sustaining equipment
are specifically not recommended without additional
processing by austriamicrosystems AG for each
application.
Copyright
Copyright © 1997-2002, austriamicrosystems AG, Schloss
Premstaetten, 8141 Unterpremstaetten, Austria-Europe.
Trademarks Registered ®. All rights reserved. The material
herein may not be reproduced, adapted, merged,
translated, stored, or used without the prior written consent
of the copyright owner.
The information furnished here by austriamicrosystems AG
is believed to be correct and accurate. However,
austriamicrosystems AG shall not be liable to recipient or
any third party for any damages, including but not limited
to personal injury, property damage, loss of profits, loss of
use, interruption of business or indirect, special, incidental
or consequential damages, of any kind, in connection with
or arising out of the furnishing, performance or use of the
technical data herein. No obligation or liability to recipient
or any third party shall arise or flow out of
austriamicrosystems AG rendering of technical or other
services.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com