Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321C Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT45DB321C
Description  32 MEGABIT 2.7 VOLT DATAFLASH
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 6Page - ATMEL Corporation AT45DB321C Datasheet HTML 7Page - ATMEL Corporation AT45DB321C Datasheet HTML 8Page - ATMEL Corporation AT45DB321C Datasheet HTML 9Page - ATMEL Corporation AT45DB321C Datasheet HTML 10Page - ATMEL Corporation AT45DB321C Datasheet HTML 11Page - ATMEL Corporation AT45DB321C Datasheet HTML 12Page - ATMEL Corporation AT45DB321C Datasheet HTML 13Page - ATMEL Corporation AT45DB321C Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
AT45DB321C [Preliminary]
3387B–DFLSH–9/04
tialize the read operation. After the 32 don’t care clock cycles, any additional clock
pulses on the SCK pin will result in data being output on the SO (serial output) pin. The
read will begin with Byte_1 of the Sector Protection Register for Sector_0, followed with
Byte_2 for Sector_1. The read operation will continue until Byte_16 for Sector_15 is
read. Once the last byte is read a low-to-high transition on the CS pin is required to ter-
minate the read operation.
VARIOUS ASPECTS ABOUT THE SECTOR PROTECTION REGISTER: Due to the
sharing of the internal circuitry, the contents of the buffer 1 will get modified during the
erase and programming of Sector Protection Register. If the device is powered down
during erasing or programming the sector protection register, then the contents of the
Sector Protection Register cannot be guaranteed. The Sector Protection Register can
be erased or reprogrammed with the sector protection enabled or disabled. Being able
to reprogram the Sector Protection Register with the sector protection enabled allows
the user to temporarily disable the sector protection to an individual sector rather than
disabling the sector protection completely.
The Sector Protection Register is subject to the same endurance characteristics as the
main memory array. Users are encouraged to carefully evaluate the number of times the
Sector Protection Register will be modified during the course of the applications’ life
cycle. If the application requires that the Sector Protection Register be modified more
than the specified endurance of the DataFlash because the application needs to tempo-
rarily unprotect individual sectors (sector protection remains enabled while the Sector
Protection Register is reprogrammed), then the application will need to limit this prac-
tice. Instead, a combination of temporarily unprotecting individual sectors along with
disabling sector protection completely will need to be implemented by the application to
ensure that the endurance limits of the device are not exceeded.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Protection Register
32H
00H
00H
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com