| Electronic Components Datasheet Search |
|
AT45DB321C Datasheet(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB321C Datasheet(HTML) 16 Page - ATMEL Corporation |
|
16 / 37 page ![]() 16 AT45DB321C [Preliminary] 3387B–DFLSH–9/04 Note: 1. Legacy Opcodes 52H, 54H, 56H, 57H, and 68H are still supported for reasons of backward compatibility only and are not recommended for new designs. The inactive clock polarity high or low modes will not be supported in the future products. Notes: 1. This command should be used for applications requiring a high number of random page writes within a sector. See “Auto Page Rewrite” on page 6. 2. The Security Register Program command utilizes data stored in Buffer 1. Therefore, this command must be used in conjunc- tion with the Buffer 1 write command. See the Security Register description on page 12 for details. Table 1. Read Commands Command SCK Mode Opcode Continuous Array Read RapidS Mode 0 or 3 E8H Inactive Clock Polarity Low or High 68H Main Memory Page Read RapidS Mode 0 or 3 D2H Inactive Clock Polarity Low or High 52H Buffer 1 Read RapidS Mode 0 or 3 D4H Inactive Clock Polarity Low or High 54H Buffer 2 Read RapidS Mode 0 or 3 D6H Inactive Clock Polarity Low or High 56H Status Register Read RapidS Mode 0 or 3 D7H Inactive Clock Polarity Low or High 57H Manufacturer and Device ID RapidS Mode 0 or 3 9FH Table 2. Program and Erase Commands Command SCK Mode Opcode Buffer 1 Write Mode 0, Mode 3 84H Buffer 2 Write Mode 0, Mode 3 87H Buffer 1 to Main Memory Page Program with Built-in Erase Mode 0, Mode 3 83H Buffer 2 to Main Memory Page Program with Built-in Erase Mode 0, Mode 3 86H Buffer 1 to Main Memory Page Program without Built-in Erase Mode 0, Mode 3 88H Buffer 2 to Main Memory Page Program without Built-in Erase Mode 0, Mode 3 89H Page Erase Mode 0, Mode 3 81H Block Erase Mode 0, Mode 3 50H Main Memory Page Program Through Buffer 1 Mode 0, Mode 3 82H Main Memory Page Program Through Buffer 2 Mode 0, Mode 3 85H Table 3. Additional Commands Command SCK Mode Opcode Main Memory Page to Buffer 1 Transfer Mode 0, Mode 3 53H Main Memory Page to Buffer 2 Transfer Mode 0, Mode 3 55H Auto Page Rewrite Through Buffer 1(1) Mode 0, Mode 3 58H Auto Page Rewrite Through Buffer 2(1) Mode 0, Mode 3 59H Security Register Program(2) Mode 0, Mode 3 9AH Security Register Read Mode 0, Mode 3 77H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |