Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0797 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0797
Description  65-300 MHZ SIGE IF RECEIVER DEMODULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0797 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0797 Datasheet HTML 1Page - ATMEL Corporation ATR0797 Datasheet HTML 2Page - ATMEL Corporation ATR0797 Datasheet HTML 3Page - ATMEL Corporation ATR0797 Datasheet HTML 4Page - ATMEL Corporation ATR0797 Datasheet HTML 5Page - ATMEL Corporation ATR0797 Datasheet HTML 6Page - ATMEL Corporation ATR0797 Datasheet HTML 7Page - ATMEL Corporation ATR0797 Datasheet HTML 8Page - ATMEL Corporation ATR0797 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 4665D–SIGE–08/04
Features
• Gain Control in 20-dB Steps
• Very Low I/Q Amplitude and Phase Errors
• High Input P1dB
• Small and Optimized Package for High Reliability and Performance
Applications
• Infrastructure Digital Communication Systems
• GSM/Cellular Transceivers
• ISM Band Transceivers
Benefits
• Fully Integrated Device with Reduced External Component Count
Electrostatic sensitive device.
Observe precautions for handling.
Description
The ATR0797 is a multi-purpose demodulator RFIC. The silicon monolithic integrated
circuit is designed with Atmel’s advanced SiGe technology. This demodulator is capa-
ble of both quadrature demodulation or direct IF output. Features include switchable
gain control on a frequency range from 65 MHz to 300 MHz. The device performs a
very low amplitude as well as phase error and allows high input P1dB. The ATR0797
targets a variety of system applications for communications including 3G wireless.
Figure 1. Block Diagram
ϕ
IFP
IFN
GC1
GC2
BBIP
BBIN
BBQP
BBQN
1
2
16
15
12
13
4
5
8
9
65 - 300 MHz
SiGe IF
Receiver/
Demodulator
ATR0797


Similar Part No. - ATR0797

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0786 ATMEL-ATR0786 Datasheet
184Kb / 12P
High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
ATR0787 ATMEL-ATR0787 Datasheet
184Kb / 12P
High Linearity Active Transmit Mixer for 2100 MHz to 2500 MHz
More results

Similar Description - ATR0797

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA6142 SIEMENS-TDA6142 Datasheet
325Kb / 9P
SAT - IF -DEMODULATOR
logo
NXP Semiconductors
BGO387 PHILIPS-BGO387 Datasheet
60Kb / 8P
300 MHz Optical receiver
2002 Dec 03
logo
ATMEL Corporation
T0797 ATMEL-T0797 Datasheet
136Kb / 10P
65 - 300 MHz SiGe IF Receiver / Demodulator
logo
SIRENZA MICRODEVICES
SRF-1016 SIRENZA-SRF-1016 Datasheet
118Kb / 6P
65 - 300 MHz Silicon Germanium IF Receiver
logo
Hittite Microwave Corpo...
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
logo
Analog Devices
AD6674 AD-AD6674 Datasheet
2Mb / 91P
385 MHz BW IF Diversity Receiver
REV. B
AD6679 AD-AD6679 Datasheet
1Mb / 81P
135 MHz BW IF Diversity Receiver
REV. B
AD6684 AD-AD6684 Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
AD6677 AD-AD6677 Datasheet
1Mb / 48P
80 MHz Bandwidth, IF Receiver
Jan-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com