Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0797 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR0797
Description  65-300 MHZ SIGE IF RECEIVER DEMODULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0797 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR0797 Datasheet HTML 1Page - ATMEL Corporation ATR0797 Datasheet HTML 2Page - ATMEL Corporation ATR0797 Datasheet HTML 3Page - ATMEL Corporation ATR0797 Datasheet HTML 4Page - ATMEL Corporation ATR0797 Datasheet HTML 5Page - ATMEL Corporation ATR0797 Datasheet HTML 6Page - ATMEL Corporation ATR0797 Datasheet HTML 7Page - ATMEL Corporation ATR0797 Datasheet HTML 8Page - ATMEL Corporation ATR0797 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ATR0797
4665D–SIGE–08/04
1.10
Gain
Gain set = low;
GC1 = GC2 = 0
2-1,
16-15
G-7
-4
-2
dB
A
1.11
Input P1dB
1, 2,
15, 16
P1dB
12
14
dBm
C
1.12
DSB Noise figure
2-1,
16-15
NF
31
dB
D
2
I/Q Output
2.1
I/Q output frequency
range
1, 2,
15, 16
f
I/Q
DC
500
MHz
D
2.2
I/Q output amplitude
error
2-1,
16-15
-0.2
+0.2
dB
A
2.3
I/Q phase error
2-1,
16-15
-2
+2
deg
A
2.4
I/Q output common
mode voltage
1, 2,
15, 16
2.5
V
A
2.5
I/Q output differential
offset voltage
2-1,
16-15
Voffset
-100
+100
mV
A
2.6
I/Q output return loss
50
Ω nominal
differential output
(3)
1, 2,
15, 16
RL
I/Q
20
dB
D
3
LO input
3.1
LO input level
13-12
P
LO
-3
0
+3
dBm
D
3.2
Return loss
13-12
RL
LO
20
dB
D
3.3
LO frequency range
13-12
RL
LO
65
300
MHz
D
4
Miscellaneous
4.1
Supply voltage
3, 7,
10, 14
V
CC
4.75
5
5.25
V
A
4.2
Supply current
3, 7,
10, 14
ICC
195
mA
A
4.3
GC1, GC2 logic level
low
4, 5
V
IL
0
0.3
×
V
CC
VD
4.4
GC1, GC2 logic level
high
4, 5
V
IH
0.7
×
V
CC
V
CC
VD
4.5
GC1, GC2 input
impedance
4, 5
Z
40
k
Ω
D
Electrical Characteristics (Continued)
Test conditions: V
CC = 5 V, Tamb = 25°C, LO input: 0 dBm at 200 MHz
IF input: at 200.1 MHz, GC1 = 0, GC2 = 0; 0 dBm
IF input: at 200.1 MHz, GC1 = 1, GC2 = 0; -20 dBm
IF input: at 200.1 MHz, GC1 = 1, GC2 = 1; -40 dBm
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type
(1)
Notes:
1. Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
2. The parasitic inductance of the package, the board, and L5, L6 must be matched out at the center frequency with a series
capacitor to achieve 20 dB of port match.
3. The parasitic inductance of the package must be matched out to reach 20 dB port match above 100 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com