Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDMC60D28T150NP-R47MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDMC60D28T150NP-R47MC
Description  Low-Profile High Current Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC60D28T150NP-R47MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDMC60D28T150NP-R47MC Datasheet HTML 1Page - Sumida Corporation CDMC60D28T150NP-R47MC Datasheet HTML 2Page - Sumida Corporation CDMC60D28T150NP-R47MC Datasheet HTML 3Page - Sumida Corporation CDMC60D28T150NP-R47MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low-Profile High Current Power Inductor
CDMC60D28/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 4
Ver.1.0 (April 1, 2018)
www.sumida.com
Discription
 Inductor for large current demand
 Metal compound molding type
 Magnetically shielded
 Targeting Qualified AEC-Q200
 Operating temperature range: -55℃~ +150℃
(including coil
’s self- temperature rise)
Applications
 LED head light for automobile.
 ECU
 Automotive and other high temperature, high reliability applications
Dimension - [mm]
Reference Land pattern
– [mm]
Connection


Similar Part No. - CDMC60D28T150NP-R47MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMC6D28 SUMIDA-CDMC6D28 Datasheet
144Kb / 2P
POWER INDUCTORS
CDMC6D28NP-1R0MC SUMIDA-CDMC6D28NP-1R0MC Datasheet
152Kb / 3P
SMD Power Inductor
CDMC6D28NP-1R5MC SUMIDA-CDMC6D28NP-1R5MC Datasheet
152Kb / 3P
SMD Power Inductor
CDMC6D28NP-2R2MC SUMIDA-CDMC6D28NP-2R2MC Datasheet
152Kb / 3P
SMD Power Inductor
CDMC6D28NP-3R3MC SUMIDA-CDMC6D28NP-3R3MC Datasheet
152Kb / 3P
SMD Power Inductor
More results

Similar Description - CDMC60D28T150NP-R47MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01 Datasheet
154Kb / 4P
Low Profile, High Current Inductor
03-Nov-04
IHLP-5050EZ-01 VISHAY-IHLP-5050EZ-01 Datasheet
133Kb / 4P
Low Profile, High Current Inductor
03-Nov-04
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01_06 Datasheet
166Kb / 5P
Low Profile, High Current Inductor
10-Aug-06
IHLP-2525CZ-01 VISHAY-IHLP-2525CZ-01_08 Datasheet
154Kb / 4P
Low Profile, High Current Inductor
10-Aug-06
IHLP2525CZERR20M01 VISHAY-IHLP2525CZERR20M01 Datasheet
134Kb / 4P
Low Profile, High Current Inductor
17-Feb-06
logo
Sumida Corporation
CDEP15D90 SUMIDA-CDEP15D90 Datasheet
676Kb / 4P
Low-Profile High Current Power Inductor
logo
Vishay Siliconix
ITCR4040EEERR36MR5 VISHAY-ITCR4040EEERR36MR5 Datasheet
99Kb / 2P
Low Profile, High Current Inductor
IHLW-4040CF-11 VISHAY-IHLW-4040CF-11 Datasheet
171Kb / 4P
Low Profile, High Current Inductor
21-Dec-17
logo
Sumida Corporation
CDEP13D76T150 SUMIDA-CDEP13D76T150 Datasheet
475Kb / 6P
Low-Profile High Current Power Inductor
CDEP15D90T150 SUMIDA-CDEP15D90T150 Datasheet
595Kb / 6P
Low-Profile High Current Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com