Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDMC60D28T150NP-R47MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDMC60D28T150NP-R47MC
Description  Low-Profile High Current Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC60D28T150NP-R47MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDMC60D28T150NP-R47MC Datasheet HTML 1Page - Sumida Corporation CDMC60D28T150NP-R47MC Datasheet HTML 2Page - Sumida Corporation CDMC60D28T150NP-R47MC Datasheet HTML 3Page - Sumida Corporation CDMC60D28T150NP-R47MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low-Profile High Current Power Inductor
CDMC60D28/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 4
Ver.1.0 (April 1, 2018)
www.sumida.com
CDMC60D28T150NP-R10MC
CDDMC60D28T150NP-R15MC
CDMC60D28T150NP-R22MC
CDMC60D28T150NP-R33MC
CDMC60D28T150NP-R47MC
CDMC60D28T150NP-R68MC
CDMC60D28T150NP-R82MC
CDMC60D28T150NP-1R0MC
CDMC60D28T150NP-1R5MC
0
20
40
60
80
100
120
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
20
40
60
80 100
Idc(A)
0
20
40
60
80
100
120
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
20
40
60
80
Idc(A)
0
20
40
60
80
100
120
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
20
40
60
Idc(A)
0
20
40
60
80
100
120
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
Idc(A)
0
20
40
60
80
100
120
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
Idc(A)
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
Idc(A)
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
Idc(A)
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
Idc(A)
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
Idc(A)
Saturation Current & Temperature Rise Graph
L (20℃)
L (110℃)
L (150℃)
⊿T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com