Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398AGS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3398AGS
Description  4 strings 350mA White LED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398AGS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3398AGS Datasheet HTML 1Page - Monolithic Power Systems MP3398AGS Datasheet HTML 2Page - Monolithic Power Systems MP3398AGS Datasheet HTML 3Page - Monolithic Power Systems MP3398AGS Datasheet HTML 4Page - Monolithic Power Systems MP3398AGS Datasheet HTML 5Page - Monolithic Power Systems MP3398AGS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV3398A-S-00A 4 STRINGS WHITE LED DRIVER
EV3398A-S-00A Rev.1.0
www.MonolithicPower.com
3
11/6/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EV3398A-S-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
220µF
Electrolytic Capacitor,
35V
2
C2,C3
2.2µF
Ceramic Capacitor,
100V, X7R
1210
Murata
GRM32ER72A225KA35L
1
C4
4.7µF
Ceramic Capacitor,
50V, X7R
1210
Murata
GRM32ER71H475KA88L
1
C5
NC
1210
1
C6
22µF
Electrolytic Capacitor,
100V
4
C7,C11,
C13C14
NC
0603
3
C8,C15,
C12
100pF
Ceramic Capacitor,50V,
COG
0603
Murata
GRM1885C1H101JA01D
2
C9,C10
470nF
Ceramic Capacitor,
16V, X7R
0603
Murata
GRM18R7C474KA88D
1
D1
Diode Schottky,
60V, 3A
SMA
Diodes Inc
B360
1
F1
0Ω
Fuse, 2A, 63V
1206
Cooper
3216FF2-R
1
L1
33µH
Inductor,3.2A
SMD
Wurth
744770133
1
M1
N- channel MOSFET
SO8
Analog Power
AM4490N
1
R1
NC
0603
1
R2
357kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07357KL
1
R3, R5
10Ω
Resistor, 1%
0603
Yageo
RC0603FR-0710RL
1
R4
10kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0710KL
6
R9,R12,
R13,
R15,R19
0Ω
Resistor, 1%
0603
Yageo
RC0603JR-070RL
1
R7
200Ω
Resistor, 1%
0603
Yageo
RC0603FR-07200RL
1
R6
0.05Ω
Current Resistor, 1%
1206
Yageo
RC1206FR-070R05L
3
R8,R16,
R20,R21
2kΩ
Resistor, 1%
0603
Yageo
RC0603FR-072KL
1
R10
330kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07330KL
3
R11,R14,
R18
100kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07100KL
1
R17
8.45kΩ
Resistor, 1%
0603
Yageo
RC0603FR-078K45L
1
U1
LED Driver IC
SOIC16
MPS
MP3398AGS R5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com