Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398AGS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3398AGS
Description  4 strings 350mA White LED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398AGS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3398AGS Datasheet HTML 1Page - Monolithic Power Systems MP3398AGS Datasheet HTML 2Page - Monolithic Power Systems MP3398AGS Datasheet HTML 3Page - Monolithic Power Systems MP3398AGS Datasheet HTML 4Page - Monolithic Power Systems MP3398AGS Datasheet HTML 5Page - Monolithic Power Systems MP3398AGS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV3398A-S-00A
4 strings 350mA White LED Driver
Evaluation Board
EV3398A-S-00A Rev.1.0
www.MonolithicPower.com
1
11/6/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The EV3398A-S-00A is an evaluation board for
the MP3398A, a step-up converter designed for
liquid-crystal displays that employ an array of
LEDs as the light source. It can drive up to 4
strings LEDs in parallel with 350mA/string
maximum current.
The
MP3398A
uses
current
mode,
fixed
switching frequency architecture. The frequency
is programmable by an external frequency
setting resistor. MP3398A drives an external
MOSFET to boost up the output voltage from a
5V to 28V input supply. It regulates the current
in each LED string to the programmed value set
by an external current setting resistor.
The MP3398A can support both analog and
PWM dimming independently to meet the
special dimming mode request. In addition, rich
protection modes are also integrated including
OCP,
OTP,
UVP,
OVP,
LED
short/open
protection, inductor/diode short protection.
The
MP3398A
is
available
in
SOIC16,
TSSOP16 and SOIC20 packages.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
8
– 28
V
LEDs #
4 LED string
12 LEDs/string
LED Current
ILED
120/string
mA
FEATURES
 4-String, Max 350mA/String at 10% DPWM
 5V to 28V Input Voltage Range
 2.5% Current Matching Accuracy Between
Strings
 Programmable Switching Frequency
 PWM and Analog Dimming Mode
 Cascading Capability with a Single Power
Source
 LED Open and Short LED Protection
 Programmable Over-Voltage Protection
 Recoverable thermal Shutdown Protection
 Over Current Protection
 Inductor/Diode short Protection
 Under-Voltage Lockout
 SOIC16, TSSOP16 and SOIC20 Packages
APPLICATIONS
 Desktop LCD Flat Panel Displays
 Flat Panel Video Displays
 2D/3D LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3398AGS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3398AGS MPS-MP3398AGS Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
More results

Similar Description - MP3398AGS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
4 strings 120mA White LED Driver Evaluation Board
EV3399EF-00A MPS-EV3399EF-00A Datasheet
261Kb / 5P
24 strings White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com