Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2277APVC-3 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2277APVC-3
Description  6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2277APVC-3 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2277APVC-3 Datasheet HTML 3Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 4Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 5Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 6Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 7Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 8Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 9Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 10Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY2277A
Document #: 38-07332 Rev. *A
Page 7 of 19
Notes:
6.
Electrical parameters are guaranteed with these operating conditions.
7.
Guaranteed by design and characterization. Not 100% tested in production.
8.
Power supply current will vary with number of outputs which are running.
Electrical Characteristics (-1, -3, -12)
Parameter
Description
Test Conditions
Min. Max. Unit
Electrical Characteristics (-1M, -7M, -12M)
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Inputs
2.0
V
VIL
Low-level Input Voltage
Except Crystal Inputs
0.8
V
VILiic
Low-level Input Voltage
SMBus inputs only
0.7
V
VOH
High-level Output Voltage[7] VDDQ2 = VDDCPU = 2.375V
IOH = 12.6 mA CPUCLK 1.75
V
IOH = 16.7mA IOAPIC
VOL
Low-level Output Voltage[7]
VDDQ2 = VDDCPU = 2.375V
IOL = 18.2 mA CPUCLK
0.4
V
IOL = 23.1 mA IOAPIC
VOH
High-level Output Voltage[7] VDDQ3, AVDD, VDDCPU = 3.135V
IOH = 32.2 mA SDRAM
2.4
V
IOH = 32.2 mA PCICLK
IOH = 32.2 mA USBCLK
IOH = 32.2 mA IOCLK
IOH = 32.2 mA REF0
IOH = 32.2 mA REF1
VOL
Low-level Output Voltage[7]
VDDQ3, AVDD, VDDCPU = 3.135V
IOL = 23.8 mA SDRAM
0.8V
V
IOL = 23.8 mA PCICLK
IOL = 23.8 mA USBCLK
IOL = 23.8 mA IOCLK
IOL = 23.8 mA REF0
IOL = 23.8 mA REF1
IIH
Input High Current
VIH = VDD
–10
+10
µA
IIL
Input Low Current
VIL = 0V, except PWR_SEL
10
µA
IIL
Input Low Current
VIL = 0V, PWR_SEL only
100
µA
IOZ
Output Leakage Current
Three-state
–10
+10
µA
IDD
Power Supply Current[7, 8]
VDD = 3.465V, VIN = 0 or VDD, Loaded Outputs, CPU = 66.67 MHz
250
mA
IDD
Power Supply Current[7, 8]
VDD = 3.465V, VIN = 0 or VDD, Unloaded Outputs
120
mA
IDDS
Power-down Current
Current draw in power-down state, PWR_SEL = VDD
150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com