Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2277APVC-3 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY2277APVC-3
Description  6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2277APVC-3 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY2277APVC-3 Datasheet HTML 9Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 10Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 11Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 12Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 13Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 14Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 15Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 16Page - Cypress Semiconductor CY2277APVC-3 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CY2277A
Document #: 38-07332 Rev. *A
Page 13 of 19
Timing Requirement for the SMBus
Parameter
Description
Min.
Max.
Unit
t10
SCLK Clock Frequency
0
100
kHz
t11
Time the bus must be free before a new transmission can start
4.7
µs
t12
Hold time start condition. After this period the first clock pulse is generated.
4
µs
t13
The LOW period of the clock.
4.7
µs
t14
The HIGH period of the clock.
4
µs
t15
Setup time for start condition. (Only relevant for a repeated start condition.)
4.7
µs
t16
Hold time DATA
for CBUS compatible masters.
for SMBus devices
5
0
µs
t17
DATA input set-up time
250
ns
t18
Rise time of both SDATA and SCLK inputs
1
µs
t19
Fall time of both SDATA and SCLK inputs
300
ns
t20
Set-up time for stop condition
4.0
µs
Switching Waveforms
Duty Cycle Timing
t1A
t1B
CPUCLK Outputs HIGH/LOW Time
OUTPUT
VDD
0V
t1C
t1D
All Outputs Rise/Fall Time
OUTPUT
t2
t3
VDD
0V
t2
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com