Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1-4F1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA6V1-4F1
Description  QUAD TRANSIL ARRAY FOR ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-4F1 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA6V1-4F1 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-4F1 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-4F1 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-4F1 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-4F1 Datasheet HTML 5Page - STMicroelectronics ESDA6V1-4F1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
ESDA6V1-4F1
Symbol
Test conditions
Value
Unit
VPP
ESD discharge - MIL STD 883E - Method 3015-6
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
±25
±15
±8
kV
PPP
Peak pulse power (8/20
µs)
150
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Lead solder temperature (10 seconds duration)
260
°C
Top
Operating temperature range
-40 to +85
°C
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
C
Capacitance per line
Rd
Dynamic impedance
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
V
I
Slope = 1/Rd
VCLVBR VRM
IPP
IRM
IR
Type
VBR
@IR
IRM @VRM
Rd
TC
min.
max.
max.
typ.
max
max
note 1
note 2
0V bias
VV
mA
µAV
m
Ω
10
-4/°C
pF
ESDA6V1- 4F1
6.1
7.2
1
10
5
350
6
250
Note 1: Square pulse IPP = 15A, tp = 2.5µs
Note 2:
∆VBR = αT*(Tamb -25)*VBR(25°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com