Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3308DL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3308DL
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3308DL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3308DL Datasheet HTML 1Page - Monolithic Power Systems MP3308DL Datasheet HTML 2Page - Monolithic Power Systems MP3308DL Datasheet HTML 3Page - Monolithic Power Systems MP3308DL Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV3308DL-00A – 1.3A FIXED FREQUENCY WHITE LED DRIVER EVALUATION BOARD
EV3308DL-00A Rev. 1.0
www.MonolithicPower.com
2
3/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
VIN
GND
EN
PWMB
4.7
6V
C1
4.7
6V
C2
3.3
L1
B0530
D1
2.2
5V
C3
160k
R3
10k
R4
NS
C6
LED+
LED-
NC
C5
100k
R11
0.1
C4
100
R5
JP1
1
R1
NS
R2
68nF
C8
68nF
C9
10nF
C7
100k
R10
100k
R9
PWMA
Bias
10k
R6
10k
R7
10k
R8
GND1
PWMOB
8
PGND
2
LED
12
FSET
7
PWMIA
4
SW
1
GND
10
ISET
13
IN
3
EN
6
GND
14
OVP
11
PWMOA
9
PWMIB
5
U1 MP3308
33nF
C10
LED+
900
R12
D2
Bias
EV3305DD-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
2
C1, C2
4.7µF
Ceramic
Capacitor,50V,X7R
1210
muRata
GRM31CR71C475KA01
1
C3
2.2µF
Ceramic
Capacitor,25V,X7R
1210
muRata
GRM31CR71E225KA88L
1
C4
0.1µF
Ceramic
Capacitor,16V,X7R
0603
muRata
GRM188R71C104KA01D
2
C5,C6
NC
0603
1
C7
10nF
Ceramic
Capacitor,50V,X7R
0603
muRata
GRM188R71H103KA01D
2
C8,C9
68nF
Ceramic
Capacitor,50V,X7R
0603
muRata
GRM188R71H683KA93D
1
C10
33n
Ceramic
Capacitor,50V,X7R
0603
muRata
GRM188R71H333KA61D
1
D1
B0530W
SOD-123
Diodes
B0530W
1
D2
NC
1
L1
3.3µH
Inductor,2.08A
SMD
TOKO
D63CB-A916CY-3R3M
1
R1
1Ω
Film Resistor,1%
0805
Yageo
RC0805FR-071RL
1
R2
NC
0805
1
R3
160kΩ Film Resistor,1%
0603
Yageo
RC0603FR-07160KL
4
R4,R6,
R7,R8
10kΩ
Film Resistor,1%
0603
Yageo
RC0603FR-0710KL
1
R5
100Ω
Film Resistor,1%
0603
Yageo
RC0603FR-07100RL
3
R9,,R10,
R11
100kΩ Film Resistor,1%
0603
Yageo
RC0603FR-07100KL
1
R12
910Ω
Film Resistor,1%
0603
Yageo
RC0603FR-070K91L
1
U1
Step-Up White LED
Driver
QFN14
MPS
MP3308DL R0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com