Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3308DL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3308DL
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3308DL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3308DL Datasheet HTML 1Page - Monolithic Power Systems MP3308DL Datasheet HTML 2Page - Monolithic Power Systems MP3308DL Datasheet HTML 3Page - Monolithic Power Systems MP3308DL Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV3308DL-00A
1.3A Fixed Frequency White LED Driver
Evaluation Board
EV3308DL-00A Rev. 1.0
www.MonolithicPower.com
1
3/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3308DL-00A is an evaluation board for
the MP3308DL, a monolithic step-up converter
designed for driving arrays of WLEDs from 3V
input or a single-cell lithium-ion battery. The EV
board is optimized for the load of 3 white LEDs
in series, 9 strings panel.
The MP3308 uses fixed frequency,current
mode architecture to regulate the LED current,
which is measured through an external current
sense resistor. Its low 200mV feedback voltage
reduces power loss and improves efficiency.
The MP3308 features dual PWM-dimming input
control and true PWM dimming—this control
allows for a wide luminescent range that makes
the display readable under a variety of ambient
light conditions with minimal PWM dimming
noise.
The MP3308 includes over-voltage protection,
short-circuit protection, under-voltage lockout,
current limiting, and thermal overload protection.
The MP3308 is available in small 3mmx4mm
14-pin QFN package.
FEATURES
 3-6V Input Voltage Range
 Drives up to 27 White LEDs
 Programmable Open Load Shutdown
Threshold
 Up to 88% Efficiency
 Fully Assembled and Tested
APPLICATIONS
 Cell Phones
 Handheld Computers and PDAs
 Digital Still Cameras
 Small LCD Displays
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
3 - 6
V
# of WLEDs
27(3 in series, 9
strings paralleled)
LED Current
ILED
180
mA
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3305DD-00A EVALUATION BOARD
(L x W x H) 2” x 1.8” x 0.4”
5cm x 4.5cm x 1.0cm
Board Number
MPS IC Number
EV3308DL-00A
MP3308DL
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
3 3.5
4
4.5
5
5.5
6
6.5
VIN (V)
Efficiency vs. VIN


Similar Part No. - MP3308DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3308DL MPS-MP3308DL Datasheet
314Kb / 13P
Step-up White LED Driver with Dual PWM Dimming Input Control
More results

Similar Description - MP3308DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302-J-01A MPS-EV3302-J-01A Datasheet
138Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com