Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-T-S2W Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LE-T-S2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-T-S2W Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LE-T-S2W Datasheet HTML 8Page - OSRAM GmbH LE-T-S2W Datasheet HTML 9Page - OSRAM GmbH LE-T-S2W Datasheet HTML 10Page - OSRAM GmbH LE-T-S2W Datasheet HTML 11Page - OSRAM GmbH LE-T-S2W Datasheet HTML 12Page - OSRAM GmbH LE-T-S2W Datasheet HTML 13Page - OSRAM GmbH LE-T-S2W Datasheet HTML 14Page - OSRAM GmbH LE-T-S2W Datasheet HTML 15Page - OSRAM GmbH LE-T-S2W Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LE A S2W, LE T S2W, LE B S2W
2010-06-14
12
Relative Lichtstrom
2) Seite 21
Relative Luminous Flux
2) page 21
Φ
V/ΦV(25 °C) = f (Tj); IF = 700 mA; LE A S2W
Relative Lichtstrom
2) Seite 21
Relative Luminous Flux
2) page 21
Φ
V/ΦV(25 °C) = f (Tj); IF = 700 mA; LE T S2W
Relative Lichtstrom
2) Seite 21
Relative Luminous Flux
2) page 21
Φ
V/ΦV(25 °C) = f (Tj); IF = 700 mA; LE B S2W
OHL14419
-40
˚C
j
T
-20
0
20 40 60 80
120
0
V
V (25 ˚C)
Φ
Φ
0.2
0.4
0.6
0.8
1.0
1.2
1.6
OHL14440
-40
˚C
j
T
-20
0
20 40 60 80
120
0
V
V (25 ˚C)
Φ
Φ
0.2
0.4
0.6
0.8
1.2
OHL14439
-40
˚C
j
T
-20
0
20 40 60 80
120
0
V
V (25 ˚C)
Φ
Φ
0.2
0.4
0.6
0.8
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com