Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-T-S2W Datasheet(PDF) 17 Page - OSRAM GmbH

Part # LE-T-S2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-T-S2W Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button LE-T-S2W Datasheet HTML 13Page - OSRAM GmbH LE-T-S2W Datasheet HTML 14Page - OSRAM GmbH LE-T-S2W Datasheet HTML 15Page - OSRAM GmbH LE-T-S2W Datasheet HTML 16Page - OSRAM GmbH LE-T-S2W Datasheet HTML 17Page - OSRAM GmbH LE-T-S2W Datasheet HTML 18Page - OSRAM GmbH LE-T-S2W Datasheet HTML 19Page - OSRAM GmbH LE-T-S2W Datasheet HTML 20Page - OSRAM GmbH LE-T-S2W Datasheet HTML 21Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
LE A S2W, LE T S2W, LE B S2W
2010-06-14
17
Empfohlenes Lötpaddesign verwendbar für SMT-OSTAR Reflow Löten
6) Seite 21
Recommended Solder Pad useable for SMT-OSTAR Reflow Soldering
6) page 21
Lötbedingungen
Vorbehandlung nach JEDEC Level 2
Soldering Conditions
Preconditioning acc. to JEDEC Level 2
Anm.: Das Gehäuse ist nicht für nasschemische Reinigung geeignet.
Note: Package not suitable for wetcleaning.
Reflow Lötprofil für bleifreies Löten(nach J-STD-020B)
Reflow Soldering Profile for lead free soldering(acc. to J-STD-020B)
OHLA0687
0
0
T
t
˚C
s
120 s max
50
100
150
200
250
300
Ramp Up
100 s max
50
100
150
200
250
300
Ramp Down
6 K/s (max)
3 K/s (max)
25 ˚C
30 s max
260 ˚C
+0 ˚C
-5 ˚C
245 ˚C ±5 ˚C
240 ˚C
255 ˚C
217 ˚C
Maximum Solder Profile
Recommended Solder Profile
235 ˚C -0 ˚C
+5 ˚C
Minimum Solder Profile
10 s min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com