Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-B-S2W Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LE-B-S2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-B-S2W Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LE-B-S2W Datasheet HTML 6Page - OSRAM GmbH LE-B-S2W Datasheet HTML 7Page - OSRAM GmbH LE-B-S2W Datasheet HTML 8Page - OSRAM GmbH LE-B-S2W Datasheet HTML 9Page - OSRAM GmbH LE-B-S2W Datasheet HTML 10Page - OSRAM GmbH LE-B-S2W Datasheet HTML 11Page - OSRAM GmbH LE-B-S2W Datasheet HTML 12Page - OSRAM GmbH LE-B-S2W Datasheet HTML 13Page - OSRAM GmbH LE-B-S2W Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LE A S2W, LE T S2W, LE B S2W
2010-06-14
10
Dominante Wellenlänge
2) Seite 21
Dominant Wavelength
2) page 21
Δλ
dom = f (IF); TS = 25 °C; LE T S2W
Dominante Wellenlänge
2) Seite 21
Dominant Wavelength
2) page 21
λ
dom = f (IF); TS = 25 °C; LE B S2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com