Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4623 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4623
Description  Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4623 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4623 Datasheet HTML 9Page - Linear Technology LTM4623 Datasheet HTML 10Page - Linear Technology LTM4623 Datasheet HTML 11Page - Linear Technology LTM4623 Datasheet HTML 12Page - Linear Technology LTM4623 Datasheet HTML 13Page - Linear Technology LTM4623 Datasheet HTML 14Page - Linear Technology LTM4623 Datasheet HTML 15Page - Linear Technology LTM4623 Datasheet HTML 16Page - Linear Technology LTM4623 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM4623
13
4623fc
For more information www.linear.com/LTM4623
applicaTions inForMaTion
The LTM4623 device is an inherently current mode con-
trolled device, so parallel modules will have very good
current sharing. This will balance the thermals on the
design. Please tie the RUN, TRACK/SS, FB and COMP pins
of each paralleling module together. Figure 26 shows an
example of parallel operation and pin connection.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and a
graph is displayed representing the RMS ripple current
reductionasafunctionofthenumberofinterleavedphases.
Figure 3 shows this graph.
Soft-Start And Output Voltage Tracking
The TRACK/SS pin provides a means to either soft start
the regulator or track it to a different power supply. A
capacitor on the TRACK/SS pin will program the ramp
rate of the output voltage. An internal 2µA current source
will charge up the external soft-start capacitor towards
INTVCC voltage. When the TRACK/SS voltage is below
0.6V, it will take over the internal 0.6V reference voltage
to control the output voltage. The total soft-start time can
be calculated as:
tSS = 0.6 •
CSS
2µA
where CSS is the capacitance on the TRACK/SS pin. Cur-
rent foldback and forced continuous mode are disabled
during the soft-start process.
Outputvoltagetrackingcanalsobeprogrammedexternally
using the TRACK/SS pin. The output can be tracked up
and down with another regulator. Figure 4 and Figure 5
show an example waveform and schematic of ratiometric
tracking where the slave regulator’s output slew rate is
proportional to the master’s.
Figure 4. Output Ratiometric Tracking Waveform
Figure 5. Example Schematic of Ratiometric Output Voltage Tracking
TIME
SLAVE OUTPUT
MASTER OUTPUT
4623 F04
FREQ
CLKIN
CLKOUT
VIN
SVIN
RUN
INTVCC
MODE
TRACK/SS
PGOOD
VOUT
FB
COMP
GND
SGND
RFB(MA)
40.2k
LTM4623
10µF
16V
VIN
4V TO 15V
VOUT(MA)
1.5V
3A
47µF
6.3V
CSS
RTR(BOT)
40.2k
RFB(SL)
60.4k
RTR(TOP)
60.4k
FREQ
VIN
SVIN
RUN
INTVCC
MODE
TRACK/SS
PGOOD
VOUT
FB
COMP
GND
SGND
4623 F05
LTM4623
10µF
16V
VOUT(SL)
1.2V
3A
47µF
6.3V
CLKIN
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com