Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL800 Datasheet(PDF) 17 Page - Micronas

Part # HAL800
Description  Programmable Linear Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL800 Datasheet(HTML) 17 Page - Micronas

Back Button HAL800 Datasheet HTML 13Page - Micronas HAL800 Datasheet HTML 14Page - Micronas HAL800 Datasheet HTML 15Page - Micronas HAL800 Datasheet HTML 16Page - Micronas HAL800 Datasheet HTML 17Page - Micronas HAL800 Datasheet HTML 18Page - Micronas HAL800 Datasheet HTML 19Page - Micronas HAL800 Datasheet HTML 20Page - Micronas HAL800 Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
HAL 800
Micronas
17
4. Application Notes
4.1. Application Circuit
For EMC protection, it is recommended to add each a
ceramic 4.7 nF capacitor between ground and the sup-
ply voltage respectively the output voltage pin. In addi-
tion, the input of the controller unit should be pulled-
down with a 4.7 kOhm resistor and a ceramic 4.7 nF
capacitor.
Please note that during programming, the sensor will
be supplied repeatedly with the programming voltage
of 12 V for 100 ms. All components connected to the
VDD line at this time must be able to resist this voltage.
Fig. 4–1: Recommended application circuit
4.2. Temperature Compensation
The relation between the temperature coefficient of the
magnet and the corresponding TC and TCSQ codes
for a linear compensation is given in the following
table. In addition to the linear change of the magnetic
field with temperature, the curvature can be adjusted,
too. For that purpose, TC and TCSQ have to be
changed to combinations that are not given in the
table. Please contact Micronas for more detailed infor-
mation.
Temperature
Coefficient of
Magnet (ppm/K)
TC
TCSQ
700
29
8
600
26
9
500
23
9
400
21
9
300
18
9
200
16
9
100
14
10
OUT
VDD
GND
4.7 nF
HAL800
4.7 k
Ω
µC
4.7 nF
4.7 nF
011
10
−100
8
10
−200
6
11
−300
4
11
−400
3
12
−500
1
12
−600
−113
−700
−313
−800
−514
−900
−614
−1000
−815
−1100
−915
−1200
−11
16
−1300
−13
17
−1400
−14
17
−1500
−15
18
−1600
−17
18
−1700
−18
18
−1800
−19
19
−1900
−20
19
−2000
−22
20
−2100
−23
21
−2200
−24
21
−2300
−25
22
−2400
−26
22
−2500
−27
23
−2600
−28
23
−2700
−29
24
−2800
−30
24
−2900
−31
26
Temperature
Coefficient of
Magnet (ppm/K)
TC
TCSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com