Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL800 Datasheet(PDF) 21 Page - Micronas

Part # HAL800
Description  Programmable Linear Hall Effect Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL800 Datasheet(HTML) 21 Page - Micronas

Back Button HAL800 Datasheet HTML 16Page - Micronas HAL800 Datasheet HTML 17Page - Micronas HAL800 Datasheet HTML 18Page - Micronas HAL800 Datasheet HTML 19Page - Micronas HAL800 Datasheet HTML 20Page - Micronas HAL800 Datasheet HTML 21Page - Micronas HAL800 Datasheet HTML 22Page - Micronas HAL800 Datasheet HTML 23Page - Micronas HAL800 Datasheet HTML 24Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
HAL 800
Micronas
21
5.3. Telegram Codes
Sync Bit
Each telegram starts with the Sync Bit. This logical 0
pulse defines the exact timing for tp0.
Command Bits (COM)
The Command code contains 3 bits and is a binary
number. Table 5–2 shows the available commands and
the corresponding codes for the HAL 800.
Command Parity Bit (CP)
This parity bit is 1, if the number of zeros within the 3
Command Bits is uneven. The parity bit is 0, if the
number of zeros is even.
Address Bits (ADR)
The Address code contains 4 bits and is a binary num-
ber.
Table 5–3 shows the available addresses for the
HAL 800 registers.
Address parity bit (AP)
This parity bit is 1, if the number of zeros within the 4
Address bits is uneven. The parity bit is 0, if the num-
ber of zeros is even.
Data Bits (DAT)
The 14 Data Bits contain the register information.
The registers use different number formats for the Data
Bits. These formats are explained in Section 5.4.
In the Write command the last bits are valid. If for
example the TC register (6 bits) is written, only the last
6 bits are valid.
In the Read command the first bits are valid. If for
example the TC register (6 bits) is read, only the first 6
bits are valid.
Data Parity Bit (DP)
This parity bit is 1, if the number of zeros within the
binary number is even. The parity bit is 0, if the number
of zeros is uneven.
Table 5–2: Available Commands
Command
Code
Explanation
READ
2
read a register
WRITE
3
write a register
PROM
4
program all nonvolatile registers (except the lock bits)
ERASE
5
erase all nonvolatile registers (except the lock bits)
LOCKI
6
lock Micronas lockable register
LOCK
7
lock the whole device and switch permanently to the analog-mode
Please note:
The Micronas lock bit (LOCKI) has already been set during production and cannot be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com