Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8028 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8028
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8028 Datasheet(HTML) 2 Page - Linear Technology

  LTM8028 Datasheet HTML 1Page - Linear Technology LTM8028 Datasheet HTML 2Page - Linear Technology LTM8028 Datasheet HTML 3Page - Linear Technology LTM8028 Datasheet HTML 4Page - Linear Technology LTM8028 Datasheet HTML 5Page - Linear Technology LTM8028 Datasheet HTML 6Page - Linear Technology LTM8028 Datasheet HTML 7Page - Linear Technology LTM8028 Datasheet HTML 8Page - Linear Technology LTM8028 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTM4634
2
4634f
For more information www.linear.com/LTM4634
pin conFiguraTion
absoluTe MaxiMuM raTings
CNTL_PWR ............................................... –0.3V to 30V
VIN1, VIN2, VIN3........................................... –0.3V to 30V
VOUT1, VOUT2........................................... –0.3V to 5.75V
VOUT3......................................................... –0.3V to 14V
Switch Voltage (SW1, SW2 and SW3) ...........–1V to 30V
MODE/PLLIN, TK/SS1, TK/SS2, TK/SS3,
FREQ/PLLLPF .......................................–0.3V to INTVCC
COMP1, COMP2, COMP3, VFB1, VFB2, VFB3
(Note 3).................................................–0.3V to INTVCC
RUN1, RUN2, RUN3, INTVCC, EXTVCC,
PGOOD12, PGOOD3..................................... –0.3V to 6V
TEMP1, TEMP2......................................... –0.3V to 0.8V
INTVCC Peak Output Current................................100mA
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature ................. 245°C
(Note 1)
1
A
B
C
D
E
F
SW3
TEMP2
G
H
J
K
L
M
GND
TKSS2
TK/SS1
TK/SS3
VFB3
VFB2
VFB1
FREQ/PLLLPF
SGND
VIN1
SW1
SW2
VIN2
VIN3
VOUT3
TOP VIEW
BGA PACKAGE 144 LEAD (15mm
× 15mm × 5.01mm)
VOUT2
VOUT1
GND
GND
COMP3
COMP2
COMP1
PGOOD12
PGOOD3
EXTVCC
GND
GND
GND
GND
GND
2
3
4
5
6
7
8
9
10 11 12
TEMP1
INTVCC
CNTL_PWR
MODE/PLLIN
RUN1
RUN2
RUN3
TJMAX = 125°C, θJA = 7.5°C/W, θJCbottom = 4°C/W, θJCtop = 5°C/W
θJA DERIVED FROM 95mm × 76mm PCB WITH 4-LAYER, WEIGHT = 3.2g
θ VALUES DETERMINED PER JESD51-12
orDer inForMaTion
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(See Note 2)
DEVICE
FINISH CODE
LTM4634EY#PBF
SAC305 (RoHS)
LTM4634Y
e1
BGA
4
–40°C to 125°C
LTM4634IY#PBF
SAC305 (RoHS)
LTM4634Y
e1
BGA
4
–40°C to 125°C
LTM4634IY
SnPb (63/37)
LTM4634Y
e0
BGA
4
–40°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Markings:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com