Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8028 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8028
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8028 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8028 Datasheet HTML 16Page - Linear Technology LTM8028 Datasheet HTML 17Page - Linear Technology LTM8028 Datasheet HTML 18Page - Linear Technology LTM8028 Datasheet HTML 19Page - Linear Technology LTM8028 Datasheet HTML 20Page - Linear Technology LTM8028 Datasheet HTML 21Page - Linear Technology LTM8028 Datasheet HTML 22Page - Linear Technology LTM8028 Datasheet HTML 23Page - Linear Technology LTM8028 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTM4634
20
4634f
For more information www.linear.com/LTM4634
applicaTions inForMaTion
If we take this equation and differentiate it with respect to
temperature T, then:
dVD
dT
= –
VG0 – VD
T
This dVD/dT term is the temperature coefficient equal to
about –2mV/K or –2mV/°C. The equation is simplified for
the first order derivation.
Solving for T, T = –(VG0 – VD)/(dVD/dT) provides the
temperature.
1st Example: Figure 5 for 27°C, or 300K the diode
voltage is 0.598V, thus, 300K = –(1200mV – 598mV)/
–2.0 mV/K)
2nd Example: Figure 5 for 75°C, or 350K the diode
voltage is 0.50V, thus, 350K = –(1200mV – 500mV)/
–2.0mV/K)
Converting the Kelvin scale to Celsius is simply taking the
Kelvin temp and subtracting 273 from it.
A typical forward voltage is given in the electrical charac-
teristics section of the data sheet, and Figure 5 is the plot
of this forward voltage. Measure this forward voltage at
27°C to establish a reference point. Then using the above
expression while measuring the forward voltage over
temperature will provide a general temperature monitor.
Connect resistors between TEMP1, TEMP2 and VIN to set
the currents to 100µA each. See Figure 25 for an example.
Safety Considerations
The LTM4634 module does not provide galvanic isolation
from VIN to any of the three VOUTs. There is no internal
fuse. If required, a slow blow fuse with a rating higher
than the maximum input current can be used to protect
the unit in case of a catastrophic failure. An inline circuit
breaker function can also be used instead of a fuse.
The fuse or circuit breaker should be selected to limit the
current to the regulator during overvoltage in case of an
internal top MOSFET fault. If the internal top MOSFET fails,
then turning it off will not resolve the overvoltage, thus
the internal bottom MOSFET will turn on indefinitely trying
to protect the load. Under this fault condition, the input
voltage will source very large currents to ground through
the failed internal top MOSFET and enabled internal bot-
tom MOSFET. This can cause excessive heat and board
damage depending on how much power the input voltage
can deliver to this system. A fuse or circuit breaker can
be used as a secondary fault protector in this situation.
Figure 5. Diode Voltage VD vs Temperature T(°C)
Figure 6. Thermal Plot 24V to 3.3V at 5A, 5V at 5A, and 12V
at 4A, Airflow = 200LFM, Ambient = 25°C
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
4634 F05
125
ID = 100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com