Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4644 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4644
Description  Low VIN 20A DC/DC 關Module Step-Down Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 3 Page - Linear Technology

  LTM4644 Datasheet HTML 1Page - Linear Technology LTM4644 Datasheet HTML 2Page - Linear Technology LTM4644 Datasheet HTML 3Page - Linear Technology LTM4644 Datasheet HTML 4Page - Linear Technology LTM4644 Datasheet HTML 5Page - Linear Technology LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTM4639
3
4639f
For more information www.linear.com/LTM4639
The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 3.3V, CPWR = 5V, per the typical application in
Figure 22.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Specifications
VRUN
RUN Pin On Threshold
VRUN Rising
1.1
1.25
1.4
V
VRUNHYS
RUN Pin On Hysteresis
130
mV
IQ(VIN)
Input Supply Bias Current VIN = 7V, VOUT = 1.5V, Burst Mode Operation, IOUT = 0.1A
VIN = 7V, VOUT = 1.5V, Pulse-Skipping Mode, IOUT = 0.1A
VIN = 7V, VOUT = 1.5V, Switching Continuous, IOUT = 0.1A
Shutdown, RUN = 0, VIN = CPWR = 7V
25
35
68
45
mA
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 3.3V, VOUT = 1.5V, IOUT = 20A, CPWR = 5V
VIN = 7V, VOUT = 1.5V, IOUT = 20A, CPWR = 5V
10.35
4.93
A
A
IPWR(IN)
Control Power Current
3.3VIN to 1.5VOUT at 0A Load, CPWR = 5V
28
mA
Output Specifications
IOUT(DC)
Output Continuous Current
Range
VIN = 3.3V, VOUT = 1.5V (Note 4)
0
20
A
∆VOUT (Line)
VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN from 2.375V to 7V, CPWR = 5V,
IOUT = 0A
l
0.02
0.04
%/V
∆VOUT (Load)
VOUT
Load Regulation Accuracy VOUT = 1.5V, IOUT = 0A to 20A, VIN = 3.3V, CPWR = 5V
(Note 4)
l
0.1
0.3
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic, 470µF POSCAP
VIN = 3.3V, VOUT = 1.5V, CPWR = 5V
20
mVP-P
∆VOUT(START)
Turn-On Overshoot
COUT = 100µF Ceramic, 470µF POSCAP,
VOUT = 1.5V, IOUT = 0A, VIN = 3.3V, CPWR = 5V
15
mV
tSTART
Turn-On Time
COUT = 100µF Ceramic, 470µF POSCAP,
No Load, TRACK/SS = 0.001µF, VIN = 3.3V, CPWR = 5V
0.6
ms
∆VOUTLS
Peak Deviation for
Dynamic Load
Load: 5A to 12.5A Load Step, 1µs Rise Time
COUT = 100µF × 2 Ceramic, COUT × 2 POSCAP,
VIN = 3.3V, VOUT = 1.5V, CPWR = 5V
30
mV
tSETTLE
Settling Time for Dynamic
Load Step
Load: 5A to 12.5A Load Step, 3.3V, VIN = 5V, VOUT = 1.5V
COUT = 100µF × 2 Ceramic, 680µF POSCAP
30
µs
IOUTPK
Output Current Limit
VIN = 3.3V, VOUT = 1.5V
VIN = 7V, VOUT = 1.5V
30
30
A
A
Control Section
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 1.5V
l
0.594
0.60
0.606
V
IFB
Current at VFB Pin
(Note 7)
–12
–25
nA
VOVL
Feedback Overvoltage
Lockout
l
0.65
0.67
0.69
V
ITRACK/SS
Track Pin Soft-Start Pull-
Up Current
TRACK/SS = 0V
1.0
1.2
1.4
µA
tON(MIN)
Minimum On-Time
(Note 3)
100
ns
RFBHI
Resistor Between VOUT_LCL
and VFB Pins
60.05
60.40
60.75
kΩ
Remote Sense Amplifier
VOSNS+,
VOSNS– CM RANGE
Common Mode Input
Range
VIN = 3.3V, Run > 1.4V, CPWR = 5V
0
3.6
V
VDIFF_OUT(MAX)
Maximum DIFF_OUT
Voltage
IDIFF_OUT = 300µA
INTVCC – 1.4
V
VOS
Input Offset Voltage
VOSNS+ = VDIFF_OUT = 1.5V, IDIFF_OUT = 100µA
2.5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com