Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4644 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4644
Description  Low VIN 20A DC/DC 關Module Step-Down Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 5 Page - Linear Technology

  LTM4644 Datasheet HTML 1Page - Linear Technology LTM4644 Datasheet HTML 2Page - Linear Technology LTM4644 Datasheet HTML 3Page - Linear Technology LTM4644 Datasheet HTML 4Page - Linear Technology LTM4644 Datasheet HTML 5Page - Linear Technology LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTM4639
5
4639f
For more information www.linear.com/LTM4639
TYPICAL PERFORMANCE CHARACTERISTICS
7V Efficiency Graph
2.5V to 1V with 7.5A/µs Load
Step, CPWR = 5V
2.5V to 1.2V with 7.5A/µs Load
Step, CPWR = 5V
2.5V to 1.5V with 7.5A/µs Load
Step, CPWR = 5V
3.3V to 1V with 7.5A/µs Load
Step, CPWR = 5V
3.3V to 1.2V with 7.5A/µs Load
Step, CPWR = 5V
2.5V Input Efficiency Graph
3.3V Efficiency Graph
5V Efficiency Graph
OUTPUT CURRENT (A)
0
70
80
85
90
100
2
10
14
4637 G01
75
95
8
18 20
4
6
12
16
2.5V TO 1.8V
2.5V TO 1.5V
2.5V TO 1.2V
2.5V TO 1V
CPWR = 5V
FREQ = 350kHz
OUTPUT CURRENT (A)
0
70
80
85
90
100
2
10
14
4639 G02
75
95
8
18 20
4
6
12
16
3.3V TO 2.5V
3.3V TO 1.8V
3.3V TO 1.5V
3.3V TO 1.2V
3.3V TO 1V
CPWR = 5V
FREQ = 400kHz
OUTPUT CURRENT (A)
0
70
80
85
90
100
2
10
14
4639 G03
75
95
8
18 20
4
6
12
16
5V TO 3.3V
5V TO 2.5V
5V TO 1.8V
5V TO 1.5V
5V TO 1.2V
5V TO 1V
CPWR = VIN
FREQ = 500kHz
OUTPUT CURRENT (A)
0
70
80
85
90
100
2
10
14
4639 G03
75
95
8
18 20
4
6
12
16
7V TO 5V
7V TO 3.3V
7V TO 2.5V
7V TO 1.8V
7V TO 1.5V
7V TO 1.2V
7V TO 1V
CPWR = VIN
FREQ = 550kHz
50µs/DIV
COMPA CONNECTED TO COMPB
CFF = 180pF, CBOT = 22pF, CCOMPA = 180pF
COUT = 100µF CER ×2,
680µF 2.5V 6m POSCAP ×2
LOAD
STEP
0A TO 7.5A
VOUT
VP-P = 80mV
4639 G05
50µs/DIV
COMPA CONNECTED TO COMPB
CFF = 180pF, CBOT = 22pF, CCOMPA = 180pF
COUT = 100µF CER ×2,
680µF 2.5V 6m POSCAP ×2
VOUT
VP-P = 80mV
4639 G06
LOAD
STEP
0A TO 7.5A
50µs/DIV
COMPA CONNECTED TO COMPB
CFF = 180pF, CBOT = 22pF, CCOMPA = 180pF
COUT = 100µF CER ×2,
680µF 2.5V 6m POSCAP ×2
VOUT
VP-P =
80mV
4639 G07
LOAD
STEP
0A TO
7.5A
50µs/DIV
COMPA CONNECTED TO COMPB
CFF = 180pF, CBOT = 22pF, CCOMPA = 180pF
COUT = 100µF CER ×2,
680µF 2.5V 6m POSCAP ×2
VOUT
VP-P = 80mV
4639 G08
LOAD
STEP
0A TO 7.5A
50µs/DIV
COMPA CONNECTED TO COMPB
CFF = 180pF, CBOT = 22pF, CCOMPA = 180pF
COUT = 100µF CER ×2,
680µF 2.5V 6m POSCAP ×2
VOUT
VP-P = 80mV
4639 G09
LOAD
STEP
0A TO 7.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com