Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8045
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology LTM8045 Datasheet HTML 11Page - Linear Technology LTM8045 Datasheet HTML 12Page - Linear Technology LTM8045 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTM4644/LTM4644-1
9
4644fe
For more information www.linear.com/LTM4644
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 4V to 14V, VOUT = 1.5V)
IOUT = 4A
4.7
10
µF
COUT
External Output Capacitor Requirement
(VIN = 4V to 14V, VOUT = 1.5V)
IOUT = 4A
22
47
µF
DECOUPLING REQUIREMENTS
OPERATION
The LTM4644 is a quad output standalone non-isolated
switch mode DC/DC power supply. It has four separate
regulator channels with each of them capable of delivering
up to 4A continuous output current with few external input
and output capacitors. Each regulator provides precisely
regulated output voltage programmable from 0.6V to 5.5V
viaasingleexternalresistor(tworesistorsforLTM4644-1)
over 4V to 14V input voltage range. With an external bias
voltage, this module can operate from an input voltage
as low as 2.375V. The typical application schematic is
shown in Figure 33.
TheLTM4644integratesfourseparateconstantfrequency
controlled on-time valley current mode regulators, power
MOSFETs, inductors, and other supporting discrete com-
ponents. The typical switching frequency is set to 1MHz.
For switching noise-sensitive applications, the µModule
regulator can be externally synchronized to a clock from
700kHz to 1.3MHz. See the Applications Information
section.
With current mode control and internal feedback loop
compensation, the LTM4644 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides the flexibility of paralleling
any of the separate regulator channels with accurate cur-
rent sharing. With a built-in clock interleaving between
each two regulator channels, the LTM4644 could easily
employ a 2+2, 3+1 or 4 channels parallel operation which
is more than flexible in a multirail POL application like
FPGA. Furthermore, the LTM4644 has CLKIN and CLK-
OUT pins for frequency synchronization or polyphasing
multiple devices which allow up to 8 phases cascaded to
run simultaneously.
Current mode control also provides cycle-by-cycle fast
current monitoring. Foldback current limiting is provided
in an overcurrent condition to reduce the inductor valley
current to approximately 40% of the original value when
VFB drops. An internal overvoltage and undervoltage
comparators pull the open-drain PGOOD output low if
the output feedback voltage exits a ±10% window around
the regulation point. Continuous conduction mode (CCM)
operation is forced during OV and UV conditions except
during start-up when the TRACK pin is ramping up to 0.6V.
Pulling the RUN pin below 1.1V forces the controller into
its shutdown state, turning off both power MOSFETs and
most of the internal control circuitry. At light load cur-
rents, discontinuous conduction mode (DCM) operation
can be enabled to achieve higher efficiency compared to
continuous conduction mode (CCM) by setting the MODE
pin to SGND. The TRACK/SS pin is used for power supply
trackingandsoft-startprogramming.SeetheApplications
Information section.
Atemperaturediodeisincludedinsidethemoduletomoni-
tor the temperature of the module. See the Applications
Information section for details.
(per Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com