Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM8045
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 27Page - Linear Technology LTM8045 Datasheet HTML 28Page - Linear Technology LTM8045 Datasheet HTML 29Page - Linear Technology LTM8045 Datasheet HTML 30Page - Linear Technology LTM8045 Datasheet HTML 31Page - Linear Technology LTM8045 Datasheet HTML 32Page - Linear Technology LTM8045 Datasheet HTML 33Page - Linear Technology LTM8045 Datasheet HTML 34Page - Linear Technology LTM8045 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LTM4644/LTM4644-1
31
4644fe
For more information www.linear.com/LTM4644
TYPICAL APPLICATIONS
Figure 37. 12V and 5V Two Separate Input Rails, 1.2V at 8A and 3.3V at 8A Output
4644 F36
VIN1
SVIN1
RUN1
INTVCC1
MODE1
VIN2
SVIN2
RUN2
INTVCC2
MODE2
VIN3
SVIN3
RUN3
INTVCC3
MODE3
VIN4
SVIN4
RUN4
INTVCC4
MODE4
SGND
LTM4644
CLKIN
22µF
×2
16V
1206
CLKOUT
TEMP
GND
VOUT1
FB1
COMP1
TRACK/SS1
PGOOD1
VOUT2
FB2
COMP2
TRACK/SS2
PGOOD2
VOUT3
FB3
COMP3
TRACK/SS3
PGOOD3
VOUT4
FB4
COMP4
TRACK/SS4
PGOOD4
47µF
×2
4V
0805
1.2V/8A
5V
22µF
×2
16V
1206
12V
30.2k
47µF
×2
6.3V
0805
3.3V/8A
0.1µF
6.65k
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com