Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4644 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 1 Page - Linear Technology

  LTM4644 Datasheet HTML 1Page - Linear Technology LTM4644 Datasheet HTML 2Page - Linear Technology LTM4644 Datasheet HTML 3Page - Linear Technology LTM4644 Datasheet HTML 4Page - Linear Technology LTM4644 Datasheet HTML 5Page - Linear Technology LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTM4650A-1
1
4650a1f
For more information www.linear.com/LTM4650A-1
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual 25A or Single 50A
DC/DC µModule Regulator
with 1% DC Accuracy
The LTM®4650A-1 is a dual 25A or single 50A output
switching mode step-down DC/DC µModule® (micromod-
ule) regulator with ±1% total DC output error. Included in
the package are the switching controllers, power FETs,
inductors and all supporting components. Operating from
an input voltage range of 4.5V to 16V, the LTM4650A-1
supports two outputs with an output voltage range of 0.6V
to 5.5V, each set by a single external resistor. Its high ef-
ficiency design delivers up to 25A continuous current for
each output. Only a few input and output capacitors are
needed. Adjustable control loop compensation allows for
fast transient response to minimize output capacitance
when powering FPGAs, ASICs, and processors.
Fault protection features include overvoltage and overcur-
rent protection. The LTM4650A-1 is offered in 16mm ×
16mm × 5.01mm BGA package.
50A, 3.3V Output DC/DC µModule Regulator
APPLICATIONS
n
Dual 25A or Single 50A Output
n
Input Voltage Range: 4.5V to 16V
n
Output Voltage Range: 0.6V to 5.5V
n
±1% Maximum Total DC Output Error Over Line,
Load and Temperature
n
Higher Light Load Efficiency and Wider VOUT Range
Than LTM4650-1
n
Adjustable Control Loop Compensation
n
Differential Remote Sense Amplifier
n
Current Mode Control/Fast Transient Response
n
Multiphase Parallel Current Sharing Up to 300A
n
Internal Temperature Monitor
n
Adjustable Switching Frequency or Synchronization
n
Overcurrent Foldback Protection
n
Selectable Burst Mode® Operation, Pulse-Skipping
Mode Operation
n
Soft-Start/Voltage Tracking
n
Output Overvoltage Protection
n
16mm × 16mm × 5.01mm BGA Package
n
Telecom and Networking Equipment
n
Storage and ATCA Cards
n
Industrial Equipment
L
, LT, LTC, LTM, Linear Technology, the Linear logo, µModule, Burst Mode, PolyPhase and
LTpowerCAD are registered trademarks of Analog Devices, Inc. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 5481178, 5705919,
5929620, 6100678, 6144194, 6177787, 6304066 and 6580258. Other patents pending.
3.3VOUT Efficiency vs IOUT
LOAD CURRENT (A)
0
65
90
85
80
75
70
100
95
20
30
40
50
10
4650a1 TA01b
5 VIN, 3.3VOUT, 600kHz
12 VIN, 3.3VOUT, 600kHz
LTM4650 Product Family Selection Table
VIN
RANGE
VOUT
RANGE
IOUT
COMPEN-
SATION
DC VOUT
ACCURACY
LTM4650
4.5V to
15V
0.6V to
1.8V
25A × 2
Internal
1.5%
LTM4650-1B
External
LTM6450-1A
0.8%
LTM4650A
4.5V to
16V
0.6V to
5.5V
Internal
1%
LTM4650A-1
External
4650a1 TA01a
LTM4650A-1
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK2
fSET
470µF
6.3V
13.3k
100µF
6.3V
PHASMD
VOUT1
VOUT
3.3V/50A
VOUTS1
VFB1
VFB2
COMP1
COMP2
VOUT2
PGOOD2
MODE_PLLIN
PINS UNUSED IN
THIS APPLICATION:
CLKOUT
EXTVCC
SW1
SW2
VOUTS2
INTVCC
INTVCC
PGOOD1
PGOOD
10k
SGND
GND
DIFFP
DIFFN
DIFFOUT
RTH
CTH
470µF
6.3V
100µF
6.3V
120k
0.1µF
22µF
25V
×4
+
+
VIN
4.5V TO 16V
4.7µF
INTVCC


Similar Part No. - LTM4644

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4644 LINER-LTM4644 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4644 LINER-LTM4644 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM4644 LINER-LTM4644 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4644 LINER-LTM4644 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM4644

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4650A LINER-LTM4650A Datasheet
2Mb / 38P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650EY LINER-LTM4650EY Datasheet
1Mb / 8P
Dual Phase Single 50A DC/DC 關Module Regulator
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com