Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4644 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4644
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 5 Page - Linear Technology

  LTM4644 Datasheet HTML 1Page - Linear Technology LTM4644 Datasheet HTML 2Page - Linear Technology LTM4644 Datasheet HTML 3Page - Linear Technology LTM4644 Datasheet HTML 4Page - Linear Technology LTM4644 Datasheet HTML 5Page - Linear Technology LTM4644 Datasheet HTML 6Page - Linear Technology LTM4644 Datasheet HTML 7Page - Linear Technology LTM4644 Datasheet HTML 8Page - Linear Technology LTM4644 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTM4650A-1
5
4650a1f
For more information www.linear.com/LTM4650A-1
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Mode and Pulse-Skip Mode
Efficiency VIN=12V, VOUT = 1.2V,
fS = 400kHz
1V Dual Phase Single Output
Load Transient Response
(Ceramic Output Capacitor Only)
Efficiency vs Output Current,
VIN = 5V
Efficiency vs Output Current,
VIN = 12V
LOAD CURRENT (A)
0
65
90
85
80
75
70
100
95
10
15
20
25
5
4650a1 G01
2.5VOUT, 500kHz
3.3VOUT, 600kHz
1.8VOUT, 500kHz
1.5VOUT, 400kHz
1.2VOUT, 400kHz
1.0VOUT, 300kHz
LOAD CURRENT (A)
0
65
90
85
80
75
70
100
95
10
15
20
25
5
4650a1 G02
2.5VOUT, 500kHz
3.3VOUT, 600kHz
1.8VOUT, 500kHz
5.0VOUT, 750kHz
1.5VOUT, 400kHz
1.2VOUT, 400kHz
1.0VOUT, 300kHz
LOAD CURRENT (mA)
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
4650a1 G03
CCM
PULSE-SKIP MODE
Burst Mode OPERATION
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G04
12VIN, 1VOUT, 300kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 8× 220F CERAMIC CAP
RTH = 3.32k, CTH = 6800pF, CFF = 68pF
1.2V Dual Phase Single Output
Load Transient Response
(Ceramic Output Capacitor Only)
1.5V Dual Phase Single Output
Load Transient Response
(Ceramic Output Capacitor Only)
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G05
12VIN, 1.2VOUT, 400kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 8× 220F CERAMIC CAP
RTH = 3.32k, CTH = 6800pF, CFF = 68pF
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G06
12VIN, 1.5VOUT, 400kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 8× 220F CERAMIC CAP
RTH = 3.32k, CTH = 6800pF, CFF = 68pF
1.8V Dual Phase Single Output
Load Transient Response
(Ceramic Output Capacitor Only)
2.5V Dual Phase Single Output
Load Transient Response
(Ceramic Output Capacitor Only)
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G07
12VIN, 1.8VOUT, 500kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 8× 220F CERAMIC CAP
RTH = 3.32k, CTH = 6800pF, CFF = 68pF
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G08
12VIN, 2.5VOUT, 500kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 8× 220F CERAMIC CAP
RTH = 3.32k, CTH = 6800pF, CFF = 68pF
3.3V Dual Phase Single Output
Load Transient Response
(Ceramic Output Capacitor Only)
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G09
12VIN, 3.3VOUT, 600kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 8× 220F CERAMIC CAP
RTH = 3.32k, CTH = 6800pF, CFF = 68pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com