Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology LTM8045 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTM4653
7
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, unless otherwise noted.
Start-Up, No Load
Start-Up, 4A Load
Start-Up, Pre-Bias
Short Circuit, No Load
Short Circuit, 4A Load
2ms/DIV
RUN
2V/DIV
PGOOD
2V/DIV
VOUT
5V/DIV
4653 G10
FIGURE 30 CIRCUIT, 48VIN,
CINH = CD = 4.7µF, COUT = 2 x 22µF,
RfSET = 124k, RISET = 240k,
RPGDFB = 95.3k,
CTH = 10nF, RTH = 562,
REXTVCC = 49.9, CEXTVCC = 1µF,
NO LOAD
2ms/DIV
RUN
2V/DIV
PGOOD
2V/DIV
VOUT
5V/DIV
4653 G11
FIGURE 30 CIRCUIT, 48VIN,
CINH = CD = 4.7µF, COUT = 2 x 22µF,
RfSET = 124k, RISET = 240k,
RPGDFB = 95.3k,
CTH = 10nF, RTH = 562,
REXTVCC = 49.9, CEXTVCC = 1µF,
3 RESISTIVE LOAD
2ms/DIV
RUN
2V/DIV
PGOOD
2V/DIV
VOUT
5V/DIV
IDIODE
1mA/DIV
4653 G12
FIGURE 30 CIRCUIT, 48VIN,
CINH = CD = 4.7µF, COUT = 2 x 22µF,
RfSET = 124k, RISET = 240k,
RPGDFB = 95.3k,
CTH = 10nF, RTH = 562,
REXTVCC = 49.9, CEXTVCC = 1µF,
VOUT PRE-BIASED TO 5V
THROUGH 1N4148 DIODE
10µs/DIV
VOUT
5V/DIV
IIN
1A/DIV
4653 G13
FIGURE 30 CIRCUIT, 48VIN,
CINH = CD = 4.7µF, COUT = 2 x 22µF,
RfSET = 124k, RISET = 240k,
RPGDFB = 95.3k,
CTH = 10nF, RTH = 562,
REXTVCC = 49.9, CEXTVCC = 1µF,
NO LOAD PRIOR TO APPLICATION
OF OUTPUT SHORT-CIRCUIT
10µs/DIV
VOUT
5V/DIV
IIN
1A/DIV
4653 G14
FIGURE 30 CIRCUIT, 48VIN,
CINH = CD = 4.7µF, COUT = 2 x 22µF,
RfSET = 124k, RISET = 240k,
RPGDFB = 95.3k,
CTH = 10nF, RTH = 562,
REXTVCC = 49.9, CEXTVCC = 1µF,
3 RESISTIVE LOAD PRIOR TO
APPLICATION OF OUTPUT
SHORT-CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com