Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 21Page - Linear Technology LTM8045 Datasheet HTML 22Page - Linear Technology LTM8045 Datasheet HTML 23Page - Linear Technology LTM8045 Datasheet HTML 24Page - Linear Technology LTM8045 Datasheet HTML 25Page - Linear Technology LTM8045 Datasheet HTML 26Page - Linear Technology LTM8045 Datasheet HTML 27Page - Linear Technology LTM8045 Datasheet HTML 28Page - Linear Technology LTM8045 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTM4653
25
Rev 0
For more information www.analog.com
Figure 17. 12V to 5VOUT
Derating Curve, No Heat Sink
APPLICATIONS INFORMATION—DERATING CURVES See Table 1 for fSWand REXTVCC.
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
4653 F17
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400LFM
200LFM
OLFM
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
4653 F18
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400LFM
200LFM
OLFM
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
4653 F19
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400LFM
200LFM
OLFM
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
4653 F20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400LFM
200LFM
OLFM
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
4653 F21
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400LFM
200LFM
OLFM
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
4653 F22
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400LFM
200LFM
OLFM
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
4653 F23
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400LFM
200LFM
OLFM
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
4653 F24
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400LFM
200LFM
OLFM
20
40
60
80
100
120
AMBIENT TEMPERATURE (°C)
4653 F25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400LFM
200LFM
OLFM
Figure 18. 24V to 5VOUT
Derating Curve, No Heat Sink
Figure 19. 48V to 5VOUT
Derating Curve, No Heat Sink
Figure 20. 12V to 5VOUT Derating
Curve, with BGA Heat Sink
Figure 21. 24V to 5VOUT Derating
Curve, with BGA Heat Sink
Figure 22. 48V to 5VOUT Derating
Curve, with BGA Heat Sink
Figure 23. 24V to 15VOUT Derating
Curve, No Heat Sink
Figure 24. 48V to 15VOUT Derating
Curve, No Heat Sink
Figure 25. 48V to 24VOUT Derating
Curve, No Heat Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com